Electronic Components Datasheet Search
  English  ▼

X  

PC87591S Datasheet(PDF) 119 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591S
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591S Datasheet(HTML) 119 Page - National Semiconductor (TI)

Back Button PC87591S Datasheet HTML 115Page - National Semiconductor (TI) PC87591S Datasheet HTML 116Page - National Semiconductor (TI) PC87591S Datasheet HTML 117Page - National Semiconductor (TI) PC87591S Datasheet HTML 118Page - National Semiconductor (TI) PC87591S Datasheet HTML 119Page - National Semiconductor (TI) PC87591S Datasheet HTML 120Page - National Semiconductor (TI) PC87591S Datasheet HTML 121Page - National Semiconductor (TI) PC87591S Datasheet HTML 122Page - National Semiconductor (TI) PC87591S Datasheet HTML 123Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
119
www.national.com
When the signal’s direction is set as output (1), a value of 0 is forced. When the direction is set for input (0), the signal is in
TRI-STATE and is not forced low.
4.5.6
GPIO Port Registers
For a summary of the abbreviations used for Register Type, see “Register Abbreviations and Access” on page 34.
GPIO Register Map
Port Alternate Function Registers (PxALT, PyALT and PzALT)
These registers control the use of each of the Px, Py and Pz pins, respectively, as GPIO ports or as alternate functions.
●
When cleared (0), each bit in PxALT, PyALT or PzALT enables the corresponding pin as a GPIO signal.
●
When set (1), each bit enables the corresponding pin as an alternate function.
These registers are cleared (0) on reset, except when otherwise noted in Appendix A on page 408.
Location: See Appendix A
Type: R/W
Mnemonic
Register Name
Type
PxALT
Port Px Alternate Function
R/W
PyALT
Port Py Alternate Function
R/W
PzALT
Port Pz Alternate Function
R/W
PxDIR
Port Px Direction
R/W
PwDIR
Port Pw Direction
R/W
PxDOUT
Port Px Data Output
R/W
PzDOUT
Port Pz Data Output
R/W
PwDOUT
Port Pw Data Output
R/W
PxDIN
Port Px Data Input
RO
PyDIN
Port Py Data Input
RO
PwDIN
Port Pw Data Input
RO
PxWPU
Px Weak Pull-Up
R/W
PyWPU
Py Weak Pull-Up
R/W
Bit
76543210
Name
Px Pins Alternate Function Enable
Reset
00000000
Bit
76543210
Name
Py Pins Alternate Function Enable
Reset
00000000
Bit
76543210
Name
Pz Pins Alternate Function Enable
Reset
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com