Electronic Components Datasheet Search
  English  ▼

X  

DAC6571 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DAC6571
Description  2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC6571 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DAC6571 Datasheet HTML 8Page - Texas Instruments DAC6571 Datasheet HTML 9Page - Texas Instruments DAC6571 Datasheet HTML 10Page - Texas Instruments DAC6571 Datasheet HTML 11Page - Texas Instruments DAC6571 Datasheet HTML 12Page - Texas Instruments DAC6571 Datasheet HTML 13Page - Texas Instruments DAC6571 Datasheet HTML 14Page - Texas Instruments DAC6571 Datasheet HTML 15Page - Texas Instruments DAC6571 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
www.ti.com
Tim e (1 µs/d iv )
C LK (2.7V /div )
V
O U T (1 V /d iv )
F ull−S c ale C o de C h an ge
000
H to 3 F F H
O utpu t L oad ed w ith
2 k
Ω and 200pF to G ND
0
V
LOGIC (V)
1
2
3
4
5
2500
2000
1500
1000
500
0
Time (1
µs/div)
CLK (2.7V/div)
V
OUT (1V/div)
Full−Scale Code Change
3FF
H to 000H
Output Loaded with
2k
Ω and 200pF to GND
Time (1
µs/div)
CLK (2.7V/div)
V
OUT (1V/div)
Half−Scale Code Change
Output Loaded with
2 k
Ω and 200 pF to GND
256 to 768
Time (1
µs/div)
C LK (2.7V /div )
V
O U T ( 1 V /d iv )
H alf−S ca le C ode C ha nge
O u tp ut Lo aded w ith
2 k
Ω and 200 pF to GND
768 to 256
POWER-ON RESET to 0V
Time (20
µs/div)
DAC6571
SLAS406 – DECEMBER 2003
TYPICAL CHARACTERISTICS: VDD = +2.7V (continued)
At T
A = +25°C, +VDD = +2.7V, unless otherwise noted.
SUPPLY CURRENT
vs
LOGIC INPUT VOLTAGE
FULL SCALE SETTLING TIME
Figure 31.
Figure 32.
FULL SCALE SETTLING TIME
HALF SCALE SETTLING TIME
Figure 33.
Figure 34.
HALF SCALE SETTLING TIME
POWER ON RESET 0 V
Figure 35.
Figure 36.
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com