Electronic Components Datasheet Search
  English  ▼

X  

DAC6571 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # DAC6571
Description  2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC6571 Datasheet(HTML) 17 Page - Texas Instruments

Back Button DAC6571 Datasheet HTML 13Page - Texas Instruments DAC6571 Datasheet HTML 14Page - Texas Instruments DAC6571 Datasheet HTML 15Page - Texas Instruments DAC6571 Datasheet HTML 16Page - Texas Instruments DAC6571 Datasheet HTML 17Page - Texas Instruments DAC6571 Datasheet HTML 18Page - Texas Instruments DAC6571 Datasheet HTML 19Page - Texas Instruments DAC6571 Datasheet HTML 20Page - Texas Instruments DAC6571 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
www.ti.com
DAC6571 I
2C Update Sequence
Address Byte
Broadcast Address Byte
Control - Most Significant Byte
Least Significant Byte
DAC6571
SLAS406 – DECEMBER 2003
THEORY OF OPERATION (continued)
The DAC6571 requires a start condition, a valid I2C address, a control-MSB byte, and an LSB byte for a single
update. After the receipt of each byte, DAC6571 acknowledges by pulling the SDA line low during the high period
of a single clock pulse. A valid I2C address selects the DAC6571. The CTRL/MSB byte sets the operational
mode of the DAC6571, and the 4 most significant bits. The DAC6571 then receives the LSB byte containing 6
least significant data bits. DAC6571 performs an update on the falling edge of the acknowledge signal that
follows the LSB byte.
For the first update, DAC6571 requires a start condition, a valid I2C address, a CTRL/MSB byte, an LSB byte.
For all consecutive updates, DAC6571 needs a CTRL/MSB byte, and an LSB byte.
Using the I2C high-speed mode (fscl= 3.4 MHz), the clock running at 3.4 MHz, each 10-bit DAC update other than
the first update can be done within 18 clock cycles (CTRL/MSB byte, acknowledge signal, LSB byte,
acknowledge signal), at 188.88 KSPS. Using the fast mode (fscl= 400 kHz), clock running at 400 kHz, maximum
DAC update rate is limited to 22.22 KSPS. Once a stop condition is received, DAC6571 releases the I2C bus and
awaits a new start condition.
MSB
LSB
1
0
0
1
1
0
A0
0
The address byte is the first byte received following the START condition from the master device. The first six
bits (MSBs) of the address are factory preset to 100110. The next bit of the address is the device select bit A0.
The A0 address input can be connected to VDD or digital GND, or can be actively driven by TTL/CMOS logic
levels. The device address is set by the state of this pin during the power-up sequence of the DAC6571. Up to 2
devices (DAC6571) can be connected to the same I2C-Bus without requiring additional glue logic.
MSB
LSB
1
0
0
1
0
0
0
0
Broadcast addressing is also supported by DAC6571. Broadcast addressing can be used for synchronously
updating or powering down multiple DAC6571 devices. Using the broadcast address, DAC6571 responds
regardless of the state of the address pin A0.
Most Significant Byte CTRL/MSB[7:0] consists of two zeros, two power-down bits, and four most significant bits
of 10-bit unsigned binary D/A conversion data.
Least Significant Byte LSB[7:0] consists of the 6 least significant bits of the 10-bit unsigned binary D/A
conversion data, followed by 2 don't care bits. DAC6571 updates at the falling edge of the acknowledge signal
that follows the LSB[0] bit.
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com