Electronic Components Datasheet Search
  English  ▼

X  

DAC6571 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # DAC6571
Description  2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC6571 Datasheet(HTML) 19 Page - Texas Instruments

Back Button DAC6571 Datasheet HTML 14Page - Texas Instruments DAC6571 Datasheet HTML 15Page - Texas Instruments DAC6571 Datasheet HTML 16Page - Texas Instruments DAC6571 Datasheet HTML 17Page - Texas Instruments DAC6571 Datasheet HTML 18Page - Texas Instruments DAC6571 Datasheet HTML 19Page - Texas Instruments DAC6571 Datasheet HTML 20Page - Texas Instruments DAC6571 Datasheet HTML 21Page - Texas Instruments DAC6571 Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
www.ti.com
POWER-ON RESET
POWER-DOWN MODES
Resistor
String DAC
Powerdown
Circuitry
VOUT
Amplifier
Resistor
Network
CURRENT CONSUMPTION
DRIVING RESISTIVE AND CAPACITIVE LOADS
DAC6571
SLAS406 – DECEMBER 2003
The DAC6571 contains a power-on reset circuit that controls the output voltage during power-up. On power-up,
the DAC register is filled with zeros and the output voltage is 0 V. It remains at a zero-code output until a valid
write sequence is made to the DAC. This is useful in applications where it is important to know the state of the
DAC output while it is in the process of powering up.
The DAC6571 contains four separate modes of operation. These modes are programmable via two bits (PD1
and PD0). Table 1 shows how the state of these bits correspond to the mode of operation.
Table 1. Modes of Operation for the DAC6571
PD1
PD0
OPERATING MODE
0
0
Normal Operation
0
1
1k
Ω to AGND, PWD
1
0
100k
Ω to AGND, PWD
1
1
High Impedance, PWD
When both bits are set to 0, the device works normally with normal power consumption of 150 µA at 5V.
However, for the three power-down modes, the supply current falls to 200 nA at 5 V (50 nA at 3 V). Not only
does the supply current fall but the output stage is also internally switched from the output of the amplifier to a
resistor network of known values. This has the advantage that the output impedance of the device is known while
in power-down mode. There are three different options: The output is connected internally to AGND through a 1
k
Ω resistor, a 100 kΩ resistor, or it is left open-circuited (high impedance). The output stage is illustrated in
Figure 46.
Figure 46. Output Stage During Power-Down
All linear circuitry is shut down when the power-down mode is activated. However, the contents of the DAC
register are unaffected when in power-down. The time required to exit power down is typically 2.5 µs for AVDD =
5 V and 5 µs for AVDD = 3V. See the Typical Characteristics for more information.
The DAC6571 typically consumes 150 µA at VDD = 5 V and 120 µA at VDD = 3 V. Additional current consumption
can occur due to the digital inputs if VIH << VDD. For most efficient power operation, CMOS logic levels are
recommended at the digital inputs to the DAC. In power-down mode, typical current consumption is 200 nA.
The DAC6571 output stage is capable of driving loads of up to 1000 pF while remaining stable. Within the offset
and gain error margins, the DAC6571 can operate rail-to-rail when driving a capacitive load. When the outputs of
the DAC are driven to the positive rail under resistive loading, the PMOS transistor of each Class-AB output
stage can enter into the linear region. When this occurs, the added IR voltage drop deteriorates the linearity
performance of the DAC. This may occur within approximately the top 20 mV of the DAC's digital input-to-voltage
output transfer characteristic.
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com