Electronic Components Datasheet Search
  English  ▼

X  

DAC6571 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DAC6571
Description  2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC6571 Datasheet(HTML) 14 Page - Texas Instruments

Back Button DAC6571 Datasheet HTML 10Page - Texas Instruments DAC6571 Datasheet HTML 11Page - Texas Instruments DAC6571 Datasheet HTML 12Page - Texas Instruments DAC6571 Datasheet HTML 13Page - Texas Instruments DAC6571 Datasheet HTML 14Page - Texas Instruments DAC6571 Datasheet HTML 15Page - Texas Instruments DAC6571 Datasheet HTML 16Page - Texas Instruments DAC6571 Datasheet HTML 17Page - Texas Instruments DAC6571 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
www.ti.com
THEORY OF OPERATION
D/A SECTION
_
+
Resistor String
Ref+
Ref−
DAC Register
VOUT
50 kW
50 kW
VDD
GND
70 kW
V
OUT +
V
DD
D
1024
RESISTOR STRING
VDD
To Output
Amplifier
R
R
R
R
GND
Output Amplifier
I
2C Interface
DAC6571
SLAS406 – DECEMBER 2003
The architecture of the DAC6571 consists of a string DAC followed by an output buffer amplifier.Figure 39 shows
a generalized block diagram of the DAC architecture.
Figure 39. R-String DAC Architecture
The input coding to the DAC6571 is unsigned binary, which gives the ideal output voltage as:
Where D = decimal equivalent of the binary code that is loaded to the DAC register; it can range from 0 to 1023.
The resistor string section is shown in Figure 40. It is basically a divide-by-2 resistor, followed by a string of
resistors, each of value R. The code loaded into the DAC register determines at which node on the string the
voltage is tapped off to be fed into the ouptupt amplifier by closing one of the switches connecting the string to
the amplifier. Because the acrhitecture consists of a string of resistors, it is specified monotonic.
Figure 40. Typical Resistor String
The output buffer amplifier is a gain-of-2 amplifier, capable of generating rail-to-rail voltages on its output, which
gives an output range of 0 V to VDD. It is capable of driving a load of 2 kΩ in parallel with 1000 pF to GND. The
source and sink capabilities of the output amplifier can be seen in the typical characteristics curves. The slew
rate is 1 V/µs with a half-scale settling time of 7 µs with the output unloaded.
I2C is a 2-wire serial interface developed by Philips Semiconductor (see I2C-Bus Specification, Version 2.1,
January 2000). The bus consists of a data line (SDA) and a clock line (SCL) with pullup structures. When the bus
is idle, both SDA and SCL lines are pulled high. All the I2C compatible devices connect to the I2C bus through
open drain I/O pins, SDA and SCL. A master device, usually a microcontroller or a digital signal processor,
controls the bus. The master is responsible for generating the SCL signal and device addresses. The master also
generates specific conditions that indicate the START and STOP of data transfer. A slave device receives and/or
transmits data on the bus under control of the master device.
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com