Electronic Components Datasheet Search
  English  ▼

X  

DAC6571 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # DAC6571
Description  2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC6571 Datasheet(HTML) 20 Page - Texas Instruments

Back Button DAC6571 Datasheet HTML 14Page - Texas Instruments DAC6571 Datasheet HTML 15Page - Texas Instruments DAC6571 Datasheet HTML 16Page - Texas Instruments DAC6571 Datasheet HTML 17Page - Texas Instruments DAC6571 Datasheet HTML 18Page - Texas Instruments DAC6571 Datasheet HTML 19Page - Texas Instruments DAC6571 Datasheet HTML 20Page - Texas Instruments DAC6571 Datasheet HTML 21Page - Texas Instruments DAC6571 Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
www.ti.com
OUTPUT VOLTAGE STABILITY
APPLICATIONS
USING REF02 AS A POWER SUPPLY FOR THE DAC6571
REF02
15 V
5 V
1.14 mA
A0
SCL
SDA
I2C
Interface
VOUT = 0 V to 5 V
DAC6571
LAYOUT
DAC6571
SLAS406 – DECEMBER 2003
The DAC6571 exhibits excellent temperature stability of 5 ppm/
°C typical output voltage drift over the specified
temperature range of the device. This enables the output voltage to stay within a
±25 µV window for a ±1°C
ambient temperature change. Combined with good dc noise performance and true 10-bit differential linearity, the
DAC6571 becomes a perfect choice for closed-loop control applications.
Due to the extremely low supply current required by the DAC6571, a possible configuration is to use a REF02 +5
V precision voltage reference to supply the required voltage to the DAC6571's supply input as well as the
reference input, as shown in Figure 47. This is especially useful if the power supply is quite noisy or if the system
supply voltages are at some value other than 5 V. The REF02 will output a steady supply voltage for the
DAC6571. If the REF02 is used, the current it needs to supply to the DAC6571 is 140 µA typical. When a DAC
output is loaded, the REF02 also needs to supply the current to the load. The total typical current required (with a
5 mW load on a given DAC output) is: 140 µA + (5 mW/5 V) = 1.14 mA.
The load regulation of the REF02 is typically (0.005%
×V
DD)/mA, which results in an error of 0.285 mV for the
1.14 mA current drawn from it. This corresponds to a 0.05 LSB error for a 0 V to 5 V output range.
Figure 47. REF02 as Power Supply to DAC6571
A precision analog component requires careful layout, adequate bypassing, and clean, well-regulated power
supplies.
The power applied to VDD should be well regulated and low noise. Switching power supplies and DC/DC
converters will often have high-frequency glitches or spikes riding on the output voltage. In addition, digital
components can create similar high-frequency spikes as their internal logic switches states. This noise can easily
couple into the DAC output voltage through various paths between the power connections and analog output.
As with the GND connection, VDD should be connected to a +5V power supply plane or trace that is separate
from the connection for digital logic until they are connected at the power entry point. In addition, the 1 µF to 10
µF and 0.1 µF bypass capacitors are strongly recommended. In some situations, additional bypassing may be
required, such as a 100µF electrolytic capacitor or even a Pi filter made up of inductors and capacitors—all
designed to essentially low-pass filter the +5V supply, removing the high-frequency noise.
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com