Electronic Components Datasheet Search
  English  ▼

X  

GS84018 Datasheet(PDF) 18 Page - GSI Technology

Part # GS84018
Description  256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS84018 Datasheet(HTML) 18 Page - GSI Technology

Back Button GS84018 Datasheet HTML 14Page - GSI Technology GS84018 Datasheet HTML 15Page - GSI Technology GS84018 Datasheet HTML 16Page - GSI Technology GS84018 Datasheet HTML 17Page - GSI Technology GS84018 Datasheet HTML 18Page - GSI Technology GS84018 Datasheet HTML 19Page - GSI Technology GS84018 Datasheet HTML 20Page - GSI Technology GS84018 Datasheet HTML 21Page - GSI Technology GS84018 Datasheet HTML 22Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Rev: 1.12 7/2002
18/31
© 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com
Preliminary
GS84018/32/36AT/B-180/166/150/100
Operating Currents
Parameter Test Conditions
Symbol
-
180
-
166
-
150
-
100
Unit
0 to
70°C
–40 to
85°C
0 to
70°C
–40 to
85°C
0 to
70°C
–40 to
85°C
0 to
70°C
–40 to
85°C
Operating
Current
Device Selected;
All other inputs
≥VIH or ≤ VIL
Output open
IDD
Pipeline
185
195
170
180
155
165
105
115
mA
IDD
Flow Through
115
125
105
115
100
110
80
90
mA
Standby
Current
ZZ
≥ VDD –
0.2 V
ISB
Pipeline
20
30
20
30
20
30
20
30
mA
ISB
Flow Through
20
30
20
30
20
30
20
30
mA
Deselect
Current
Device Deselected;
All other inputs
≥ VIH or ≤ VIL
IDD
Pipeline
35
45
30
40
30
40
20
30
mA
IDD
Flow Through
20
30
20
30
15
25
15
25
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com