Electronic Components Datasheet Search
  English  ▼

X  

P89C660 Datasheet(PDF) 53 Page - NXP Semiconductors

Part # P89C660
Description  80C51 8-bit Flash microcontroller family
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C660 Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button P89C660 Datasheet HTML 49Page - NXP Semiconductors P89C660 Datasheet HTML 50Page - NXP Semiconductors P89C660 Datasheet HTML 51Page - NXP Semiconductors P89C660 Datasheet HTML 52Page - NXP Semiconductors P89C660 Datasheet HTML 53Page - NXP Semiconductors P89C660 Datasheet HTML 54Page - NXP Semiconductors P89C660 Datasheet HTML 55Page - NXP Semiconductors P89C660 Datasheet HTML 56Page - NXP Semiconductors P89C660 Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 89 page
background image
Philips Semiconductors
Product data
P89C660/P89C662/P89C664/
P89C668
80C51 8-bit Flash microcontroller family
16KB/32KB/64KB ISP/IAP Flash with 512B/1KB/2KB/8KB RAM
2002 Oct 28
53
Programmable Counter Array (PCA)
The Programmable Counter Array available on the 89C66x is a
special 16-bit Timer that has five 16-bit capture/compare modules
associated with it. Each of the modules can be programmed to
operate in one of four modes: rising and/or falling edge capture,
software timer, high-speed output, or pulse width modulator. Each
module has a pin associated with it in port 1. Module 0 is connected
to P1.3(CEX0), module 1 to P1.4(CEX1), etc. The basic PCA
configuration is shown in Figure 40.
The PCA timer is a common time base for all five modules and can
be programmed to run at: 1/6 the oscillator frequency, 1/2 the
oscillator frequency, the Timer 0 overflow, or the input on the ECI pin
(P1.2). The timer count source is determined from the CPS1 and
CPS0 bits in the CMOD SFR as follows (see Figure 43):
CPS1 CPS0 PCA Timer Count Source
0
0
1/6 oscillator frequency (6 clock mode);
1/12 oscillator frequency (12 clock mode)
0
1
1/2 oscillator frequency (6 clock mode);
1/4 oscillator frequency (12 clock mode)
1
0
Timer 0 overflow
1
1
External Input at ECI pin
In the CMOD SFR, there are three additional bits associated with
the PCA. They are CIDL which allows the PCA to stop during idle
mode, WDTE which enables or disables the watchdog function on
module 4, and ECF which, when set, causes an interrupt and the
PCA overflow flag CF (in the CCON SFR) to be set when the PCA
timer overflows. These functions are shown in Figure 41.
The watchdog timer function is implemented in module 4 (see
Figure 50).
The CCON SFR contains the run control bit for the PCA, and the
flags for the PCA timer (CF) and each module (refer to Figure 44).
To run the PCA the CR bit (CCON.6) must be set by software. The
PCA is shut off by clearing this bit. The CF bit (CCON.7) is set when
the PCA counter overflows and an interrupt will be generated if the
ECF bit in the CMOD register is set, The CF bit can only be cleared
by software. Bits 0 through 4 of the CCON register are the flags for
the modules (bit 0 for module 0, bit 1 for module 1, etc.) and are set
by hardware when either a match or a capture occurs. These flags
also can only be cleared by software. The PCA interrupt system is
shown in Figure 42.
Each module in the PCA has a special function register associated
with it. These registers are: CCAPM0 for module 0, CCAPM1 for
module 1, etc. (see Figure 45). The registers contain the bits that
control the mode that each module will operate in. The ECCF bit
(CCAPMn.0 where n = 0, 1, 2, 3, or 4 depending on the module)
enables the CCF flag in the CCON SFR to generate an interrupt
when a match or compare occurs in the associated module. PWM
(CCAPMn.1) enables the pulse width modulation mode. The TOG
bit (CCAPMn.2), when set, causes the CEX output associated with
the module to toggle when there is a match between the PCA
counter and the module’s capture/compare register. The match bit
MAT (CCAPMn.3), when set, will cause the CCFn bit in the CCON
register to be set when there is a match between the PCA counter
and the module’s capture/compare register.
The next two bits CAPN (CCAPMn.4) and CAPP (CCAPMn.5)
determine the edge that a capture input will be active on. The CAPN
bit enables the negative edge, and the CAPP bit enables the positive
edge. If both bits are set, both edges will be enabled and a capture
will occur for either transition. The last bit ECOM (CCAPMn.6), when
set, enables the comparator function. Figure 46 shows the CCAPMn
settings for the various PCA functions.
There are two additional registers associated with each of the PCA
modules. They are CCAPnH and CCAPnL and these are the
registers that store the 16-bit count when a capture occurs or a
compare should occur. When a module is used in the PWM mode
these registers are used to control the duty cycle of the output.
MODULE FUNCTIONS:
16-BIT CAPTURE
16-BIT TIMER
16-BIT HIGH SPEED OUTPUT
8-BIT PWM
WATCHDOG TIMER (MODULE 4 ONLY)
MODULE 0
MODULE 1
MODULE 2
MODULE 3
MODULE 4
P1.3/CEX0
P1.4/CEX1
P1.5/CEX2
P3.4/CEX3
P3.5/CEX4
16 BITS
PCA TIMER/COUNTER
TIME BASE FOR PCA MODULES
16 BITS
SU01416
Figure 40. Programmable Counter Array (PCA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com