Electronic Components Datasheet Search
  English  ▼

X  

P89C660 Datasheet(PDF) 78 Page - NXP Semiconductors

Part # P89C660
Description  80C51 8-bit Flash microcontroller family
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C660 Datasheet(HTML) 78 Page - NXP Semiconductors

Back Button P89C660 Datasheet HTML 74Page - NXP Semiconductors P89C660 Datasheet HTML 75Page - NXP Semiconductors P89C660 Datasheet HTML 76Page - NXP Semiconductors P89C660 Datasheet HTML 77Page - NXP Semiconductors P89C660 Datasheet HTML 78Page - NXP Semiconductors P89C660 Datasheet HTML 79Page - NXP Semiconductors P89C660 Datasheet HTML 80Page - NXP Semiconductors P89C660 Datasheet HTML 81Page - NXP Semiconductors P89C660 Datasheet HTML 82Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 89 page
background image
Philips Semiconductors
Product data
P89C660/P89C662/P89C664/
P89C668
80C51 8-bit Flash microcontroller family
16KB/32KB/64KB ISP/IAP Flash with 512B/1KB/2KB/8KB RAM
2002 Oct 28
78
AC ELECTRICAL CHARACTERISTICS (6 CLOCK MODE) (Continued)
Tamb = 0 °C to +70 °C, VCC = 5 V ± 10% or –40 °C to +85 °C,VCC = 5 V ± 5%, VSS = 0 V1, 2
SYMBOL
PARAMETER
INPUT
OUTPUT
I2C Interface
tHD;STA
START condition hold time
≥ 7 tCLCL
> 4.0
µs 4
tLOW
SCL low time
≥ 8 tCLCL
> 4.7
µs 46
tHIGH
SCL high time
≥ 7 tCLCL
> 4.0
µs 4
tRC
SCL rise time
≤ 1 µs
– 5
tFC
SCL fall time
≤ 0.3 µs
< 0.3
µs 6
tSU;DAT1
Data set-up time
≥ 250 ns
> 10 tCLCL – tRD
tSU;DAT2
SDA set-up time (before rep. START cond.)
≥ 250 ns
> 1
µs 4
tSU;DAT3
SDA set-up time (before STOP cond.)
≥ 250 ns
> 4 tCLCL
tHD;DAT
Data hold time
≥ 0 ns
> 4 tCLCL – tFC
tSU;STA
Repeated START set-up time
≥ 7 tCLCL 4
> 4.7
µs 4
tSU;STO
STOP condition set-up time
≥ 7 tCLCL 4
> 4.0
µs 4
tBUF
Bus free time
≥ 7 tCLCL 4
> 4.7
µs 4
tRD
SDA rise time
≤ 1 µs7
– 5
tFD
SDA fall time
≤ 300 ns7
< 0.3
µs 6
NOTES:
1. Parameters are valid over operating temperature range and voltage range unless otherwise specified.
2. Load capacitance for port 0, ALE, and PSEN = 100 pF, load capacitance for all other outputs = 80 pF.
3. These values are characterized but not 100% production tested.
4. At 100 kbit/s. At other bit rates this value is inversely proportional to the bit-rate of 100 kbit/s.
5. Determined by the external bus-line capacitance and the external bus-line pull-resistor, this must be < 1
µs.
6. Spikes on the SDA and SCL lines with a duration of less than 3 tCLCL will be filtered out. Maximum capacitance on bus-lines SDA and
SCL = 400 pF.
7. tCLCL = 1/fOSC = one oscillator clock period at pin XTAL1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com