Electronic Components Datasheet Search
  English  ▼

X  

P89C660 Datasheet(PDF) 61 Page - NXP Semiconductors

Part # P89C660
Description  80C51 8-bit Flash microcontroller family
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C660 Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button P89C660 Datasheet HTML 57Page - NXP Semiconductors P89C660 Datasheet HTML 58Page - NXP Semiconductors P89C660 Datasheet HTML 59Page - NXP Semiconductors P89C660 Datasheet HTML 60Page - NXP Semiconductors P89C660 Datasheet HTML 61Page - NXP Semiconductors P89C660 Datasheet HTML 62Page - NXP Semiconductors P89C660 Datasheet HTML 63Page - NXP Semiconductors P89C660 Datasheet HTML 64Page - NXP Semiconductors P89C660 Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 89 page
background image
Philips Semiconductors
Product data
P89C660/P89C662/P89C664/
P89C668
80C51 8-bit Flash microcontroller family
16KB/32KB/64KB ISP/IAP Flash with 512B/1KB/2KB/8KB RAM
2002 Oct 28
61
Expanded Data RAM Addressing
The P89C660/662/664/668 has internal data memory that is
mapped into four separate segments: the lower 128 bytes of RAM,
upper 128 bytes of RAM, 128 bytes Special Function Register (SFR),
and 256 bytes expanded RAM (ERAM) (256 bytes for the ’660; 768
bytes for the ’662; 1792 bytes for the ’664; 7936 bytes for the ’668).
The four segments are:
1. The Lower 128 bytes of RAM (addresses 00H to 7FH) are
directly and indirectly addressable.
2. The Upper 128 bytes of RAM (addresses 80H to FFH) are
indirectly addressable only.
3. The Special Function Registers, SFRs, (addresses 80H to FFH)
are directly addressable only.
4. The 256/768/1792/7936-bytes expanded RAM (ERAM,
00H – XFFH/2FFH/6FFH/1FFFH) are indirectly accessed by
move external instruction, MOVX, and with the EXTRAM bit
cleared, see Figure 53.
The Lower 128 bytes can be accessed by either direct or indirect
addressing. The Upper 128 bytes can be accessed by indirect
addressing only. The Upper 128 bytes occupy the same address
space as the SFR. That means they have the same address, but are
physically separate from SFR space.
When an instruction accesses an internal location above address
7FH, the CPU knows whether the access is to the upper 128 bytes
of data RAM, or to SFR space by the addressing mode used in the
instruction. Instructions that use direct addressing, access SFR
space. For example:
MOV 0A0H,A
accesses the SFR at location 0A0H (which is P2). Instructions that
use indirect addressing, access the Upper 128 bytes of data RAM.
For example:
MOV @R0,A
where R0 contains 0A0H, accesses the data byte at address 0A0H,
rather than P2 (whose address is 0A0H).
The ERAM can be accessed by indirect addressing, with EXTRAM
bit cleared and MOVX instructions. This part of memory is physically
located on-chip, logically occupies the first 256 bytes (660), 768
(662), 1792 (664), 7936 (668) of external data memory.
With EXTRAM = 0, the ERAM is indirectly addressed, using the
MOVX instruction in combination with any of the registers R0, R1 of
the selected bank or DPTR. An access to ERAM will not affect ports
P0, P3.6 (WR#) and P3.7 (RD#). P2 SFR is in output state during
external addressing. For example, with EXTRAM = 0,
MOVX @R0,A
where R0 contains 0A0H, access the ERAM at address 0A0H rather
than external memory. An access to external data memory locations
higher than the ERAM will be performed with the MOVX DPTR
instructions in the same way as in the standard 80C51 (with P0 and
P2 as data/address bus, and P3.6 and P3.7 as write and read timing
signals. Refer to Figure 54).
With EXTRAM = 1, MOVX @Ri and MOVX @DPTR will be similar
to the standard 80C51. MOVX @ Ri will provide an 8-bit address
multiplexed with data on Port 0 and any output port pins can be
used to output higher order address bits. This is to provide the
external paging capability. MOVX @DPTR will generate a 16-bit
address. Port 2 outputs the high-order eight address bits (the
contents of DPH) while Port 0 multiplexes the low-order eight
address bits (the contents of DPL) with data. MOVX @Ri and MOVX
@DPTR will generate either read or write signals on P3.6 (WR) and
P3.7 (RD).
The stack pointer (SP) may be located anywhere in the 256 bytes
RAM (lower and upper RAM) internal data memory. The stack may
not be located in the ERAM.
AUXR
Reset Value = xxxx xx10B
—
——
——
—
EXTRAM
AO
Not Bit Addressable
Bit:
Symbol
Function
AO
Disable/Enable ALE
AO
Operating Mode
0
ALE is emitted at a constant rate of 1/3 the oscillator frequency (6 clock mode; 1/6 fOSC in 12 clock mode)
1
ALE is active only during off-chip memory access.
EXTRAM
Internal/External RAM access using MOVX @Ri/@DPTR
EXTRAM
Operating Mode
0
Internal ERAM access using MOVX @Ri/@DPTR
1
External data memory access.
—
Not implemented, reserved for future use*.
NOTE:
*User software should not write 1s to reserved bits. These bits may be used in future 8051 family products to invoke new features. In that case, the reset or inactive value of the new
bit will be 0, and its active value will be 1. The value read from a reserved bit is indeterminate.
SU01711
7654
321
0
Address = 8EH
Figure 53. AUXR: Auxiliary Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com