Electronic Components Datasheet Search
  English  ▼

X  

P89C660 Datasheet(PDF) 65 Page - NXP Semiconductors

Part # P89C660
Description  80C51 8-bit Flash microcontroller family
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C660 Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button P89C660 Datasheet HTML 61Page - NXP Semiconductors P89C660 Datasheet HTML 62Page - NXP Semiconductors P89C660 Datasheet HTML 63Page - NXP Semiconductors P89C660 Datasheet HTML 64Page - NXP Semiconductors P89C660 Datasheet HTML 65Page - NXP Semiconductors P89C660 Datasheet HTML 66Page - NXP Semiconductors P89C660 Datasheet HTML 67Page - NXP Semiconductors P89C660 Datasheet HTML 68Page - NXP Semiconductors P89C660 Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 89 page
background image
Philips Semiconductors
Product data
P89C660/P89C662/P89C664/
P89C668
80C51 8-bit Flash microcontroller family
16KB/32KB/64KB ISP/IAP Flash with 512B/1KB/2KB/8KB RAM
2002 Oct 28
65
+ 5V (+12V Tolerant)
+5V
TxD
RxD
VSS
VPP
VCC
TxD
RxD
RST
XTAL2
XTAL1
SU01265
VSS
VCC
89C660
89C662
89C664
89C668
“1”
P2.6, P2.7
Figure 56. In-System Programming with a Minimum of Pins
In-System Programming (ISP)
The In-System Programming (ISP) is performed without removing
the microcontroller from the system. The In-System Programming
(ISP) facility consists of a series of internal hardware resources
coupled with internal firmware to facilitate remote programming of
the P89C660/662/664/668 through the serial port. This firmware is
provided by Philips and embedded within each
P89C660/662/664/668 device.
The Philips In-System Programming (ISP) facility has made in-circuit
programming in an embedded application possible with a minimum
of additional expense in components and circuit board area.
The ISP function uses five pins: TxD, RxD, VSS, VCC, and VPP (see
Figure 56). Only a small connector needs to be available to interface
your application to an external circuit in order to use this feature.
The VPP supply should be adequately decoupled and VPP not
allowed to exceed datasheet limits.
Free ISP software is available on the Philips web site: “WinISP”
1. Direct your browser to the following page:
http://www.semiconductors.philips.com/products/standard/
microcontrollers/download/80c51/flash/
2. Download “WinISP.exe”
3. Execute WinISP.exe to install the software
Free ISP software is also available from the Embedded Systems
Academy: “FlashMagic”
1. Direct your browser to the following page:
http://www.esacademy.com/software/flashmagic/
2. Download Flashmagic
3. Execute “flashmagic.exe” to install the software
Using the In-System Programming (ISP)
The ISP feature allows for a wide range of baud rates to be used in
your application, independent of the oscillator frequency. It is also
adaptable to a wide range of oscillator frequencies. This is
accomplished by measuring the bit-time of a single bit in a received
character. This information is then used to program the baud rate in
terms of timer counts based on the oscillator frequency. The ISP
feature requires that an initial character (an uppercase U) be sent to
the P89C660/662/664/668 to establish the baud rate. The ISP
firmware provides auto-echo of received characters.
Once baud rate initialization has been performed, the ISP firmware
will only accept Intel Hex-type records. Intel Hex records consist of
ASCII characters used to represent hexadecimal values and are
summarized below:
:NNAAAARRDD..DDCC<crlf>
In the Intel Hex record, the “NN” represents the number of data
bytes in the record. The P89C660/662/664/668 will accept up to 16
(10H) data bytes. The “AAAA” string represents the address of the
first byte in the record. If there are zero bytes in the record, this field
is often set to 0000. The “RR” string indicates the record type. A
record type of “00” is a data record. A record type of “01” indicates
the end-of-file mark. In this application, additional record types will
be added to indicate either commands or data for the ISP facility.
The maximum number of data bytes in a record is limited to 16
(decimal). ISP commands are summarized in Table 14.
As a record is received by the P89C660/662/664/668, the
information in the record is stored internally and a checksum
calculation is performed. The operation indicated by the record type
is not performed until the entire record has been received. Should
an error occur in the checksum, the P89C660/662/664/668 will send
an “X” out the serial port indicating a checksum error. If the
checksum calculation is found to match the checksum in the record,
then the command will be executed. In most cases, successful
reception of the record will be indicated by transmitting a “.”
character out the serial port (displaying the contents of the internal
program memory is an exceptions).
In the case of a Data Record (record type 00), an additional check is
made. A “.” character will NOT be sent unless the record checksum
matched the calculated checksum and all of the bytes in the record
were successfully programmed. For a data record, an “X” indicates
that the checksum failed to match, and an “R” indicates that one of
the bytes did not properly program. It is necessary to send a type 02
record (specify oscillator frequency) to the P89C660/662/664/668
before programming data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com