Electronic Components Datasheet Search
  English  ▼

X  

P89C660 Datasheet(PDF) 66 Page - NXP Semiconductors

Part # P89C660
Description  80C51 8-bit Flash microcontroller family
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C660 Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button P89C660 Datasheet HTML 62Page - NXP Semiconductors P89C660 Datasheet HTML 63Page - NXP Semiconductors P89C660 Datasheet HTML 64Page - NXP Semiconductors P89C660 Datasheet HTML 65Page - NXP Semiconductors P89C660 Datasheet HTML 66Page - NXP Semiconductors P89C660 Datasheet HTML 67Page - NXP Semiconductors P89C660 Datasheet HTML 68Page - NXP Semiconductors P89C660 Datasheet HTML 69Page - NXP Semiconductors P89C660 Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 89 page
background image
Philips Semiconductors
Product data
P89C660/P89C662/P89C664/
P89C668
80C51 8-bit Flash microcontroller family
16KB/32KB/64KB ISP/IAP Flash with 512B/1KB/2KB/8KB RAM
2002 Oct 28
66
The ISP facility was designed so that specific crystal frequencies
were not required in order to generate baud rates or time the
programming pulses. The user thus needs to provide the
P89C660/662/664/668 with information required to generate the
proper timing. Record type 02 is provided for this purpose.
Table 14.
Intel-Hex Records Used by In-System Programming
RECORD TYPE
COMMAND/DATA FUNCTION
00
Program Data
:nnaaaa00dd....ddcc
Where:
Nn
= number of bytes (hex) in record
Aaaa
= memory address of first byte in record
dd....dd
= data bytes
cc
= checksum
Example:
:10008000AF5F67F0602703E0322CFA92007780C3FD
01
End of File (EOF), no operation
:xxxxxx01cc
Where:
xxxxxx
= required field, but value is a “don’t care”
cc
= checksum
Example:
:00000001FF
02
Specify Oscillator Frequency
:01xxxx02ddcc
Where:
xxxx
= required field, but value is a “don’t care”
dd
= integer oscillator frequency rounded down to nearest MHz
cc
= checksum
Example:
:0100000210ED
(dd = 10h = 16, used for 16.0–16.9 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com