Electronic Components Datasheet Search
  English  ▼

X  

P89C668 Datasheet(PDF) 63 Page - NXP Semiconductors

Part # P89C668
Description  80C51 8-bit Flash microcontroller family
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C668 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button P89C668 Datasheet HTML 59Page - NXP Semiconductors P89C668 Datasheet HTML 60Page - NXP Semiconductors P89C668 Datasheet HTML 61Page - NXP Semiconductors P89C668 Datasheet HTML 62Page - NXP Semiconductors P89C668 Datasheet HTML 63Page - NXP Semiconductors P89C668 Datasheet HTML 64Page - NXP Semiconductors P89C668 Datasheet HTML 65Page - NXP Semiconductors P89C668 Datasheet HTML 66Page - NXP Semiconductors P89C668 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 89 page
background image
Philips Semiconductors
Product data
P89C660/P89C662/P89C664/
P89C668
80C51 8-bit Flash microcontroller family
16KB/32KB/64KB ISP/IAP Flash with 512B/1KB/2KB/8KB RAM
2002 Oct 28
63
FLASH EPROM MEMORY
GENERAL DESCRIPTION
The P89C660/662/664/668 Flash memory augments EPROM
functionality with in-circuit electrical erasure and programming. The
Flash can be read and written as bytes. The Chip Erase operation
will erase the entire program memory. The Block Erase function can
erase any Flash byte block. In-System Programming and standard
parallel programming are both available. On-chip erase and write
timing generation contribute to a user-friendly programming
interface.
The P89C660/662/664/668 Flash reliably stores memory contents
even after 10,000 erase and program cycles. The cell is designed to
optimize the erase and programming mechanisms. In addition, the
combination of advanced tunnel oxide processing and low internal
electric fields for erase and programming operations, produces
reliable cycling. The P89C660/662/664/668 uses a +5 V VPP supply
to perform the Program/Erase algorithms.
FEATURES – IN-SYSTEM PROGRAMMING (ISP)
AND IN-APPLICATION PROGRAMMING (IAP)
• Flash EPROM internal program memory with Block Erase.
• Internal 1 kbyte fixed boot ROM, containing low-level in-system
programming routines and a default serial loader. User program
can call these routines to perform In-Application Programming
(IAP). The Boot ROM can be turned off to provide access to the
full 64 kbyte of Flash memory.
• Boot vector allows user provided Flash loader code to reside
anywhere in the Flash memory space. This configuration provides
flexibility to the user.
• Default loader in Boot ROM allows programming via the serial port
without the need for a user provided loader.
• Up to 64 kbytes of external program memory if the internal
program memory is disabled (EA = 0).
• Programming and erase voltage +5 V (+12 V tolerant).
• Read/Programming/Erase using ISP/IAP:
– Byte Programming (20
ms).
– Typical quick erase times:
Block Erase (8 kbytes or 16 kbytes) in 10 seconds.
Full Erase (64 kbytes) in 20 seconds.
• In-System Programming.
• Programmable security for the code in the Flash.
• 10,000 minimum erase/program cycles for each byte.
• 10-year minimum data retention.
CAPABILITIES OF THE PHILIPS 89C51
FLASH-BASED MICROCONTROLLERS
Flash organization
The P89C660/662/664/668 contains 16KB/32KB/64KB of Flash
program memory. This memory is organized as 5 separate blocks.
The first two blocks are 8 kbytes in size, filling the program memory
space from address 0 through 3FFF hex. The final three blocks are
16 kbytes in size and occupy addresses from 4000 through FFFF
hex.
Figure 55 depicts the Flash memory configurations.
Flash Programming and Erasure
There are three methods of erasing or programming of the Flash
memory that may be used. First, the Flash may be programmed or
erased in the end-user application by calling low-level routines
through a common entry point in the Boot ROM. The end-user
application, though, must be executing code from a different block
than the block that is being erased or programmed. Second, the
on-chip ISP boot loader may be invoked. This ISP boot loader will, in
turn, call low-level routines through the same common entry point in
the Boot ROM that can be used by the end-user application. Third,
the Flash may be programmed or erased using the parallel method
by using a commercially available EPROM programmer. The parallel
programming method used by these devices is similar to that used
by EPROM 87C51, but it is not identical, and the commercially
available programmer will need to have support for these devices.
Boot ROM
When the microcontroller programs its own Flash memory, all of the
low level details are handled by code that is permanently contained
in a 1 kbyte “Boot ROM” that is separate from the Flash memory.
A user program simply calls the common entry point with appropriate
parameters in the Boot ROM to accomplish the desired operation.
Boot ROM operations include things like: erase block, program byte,
verify byte, program security lock bit, etc. The Boot ROM overlays
the program memory space at the top of the address space from
FC00 to FFFF hex, when it is enabled. The Boot ROM may be
turned off so that the upper 1 kbytes of Flash program memory are
accessible for execution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com