Electronic Components Datasheet Search
  English  ▼

X  

P89C668 Datasheet(PDF) 79 Page - NXP Semiconductors

Part # P89C668
Description  80C51 8-bit Flash microcontroller family
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C668 Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button P89C668 Datasheet HTML 75Page - NXP Semiconductors P89C668 Datasheet HTML 76Page - NXP Semiconductors P89C668 Datasheet HTML 77Page - NXP Semiconductors P89C668 Datasheet HTML 78Page - NXP Semiconductors P89C668 Datasheet HTML 79Page - NXP Semiconductors P89C668 Datasheet HTML 80Page - NXP Semiconductors P89C668 Datasheet HTML 81Page - NXP Semiconductors P89C668 Datasheet HTML 82Page - NXP Semiconductors P89C668 Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 89 page
background image
Philips Semiconductors
Product data
P89C660/P89C662/P89C664/
P89C668
80C51 8-bit Flash microcontroller family
16KB/32KB/64KB ISP/IAP Flash with 512B/1KB/2KB/8KB RAM
2002 Oct 28
79
AC ELECTRICAL CHARACTERISTICS (12 CLOCK MODE)
Tamb = 0 °C to +70 °C, VCC = 5 V ± 10%, or –40 °C to +85 °C, VCC = 5 V ±5%, VSS = 0V1, 2, 3
VARIABLE CLOCK4
33 MHz CLOCK4
SYMBOL
FIGURE
PARAMETER
MIN
MAX
MIN
MAX
UNIT
1/tCLCL
57
Oscillator frequency
0
33
–
–
MHz
tLHLL
57
ALE pulse width
2tCLCL–40
–
21
–
ns
tAVLL
57
Address valid to ALE low
tCLCL–25
–
5
–
ns
tLLAX
57
Address hold after ALE low
tCLCL–25
–
5
–
ns
tLLIV
57
ALE low to valid instruction in
–
4tCLCL–65
–
55
ns
tLLPL
57
ALE low to PSEN low
tCLCL–25
–
5
–
ns
tPLPH
57
PSEN pulse width
3tCLCL–45
–
45
–
ns
tPLIV
57
PSEN low to valid instruction in
–
3tCLCL–60
–
30
ns
tPXIX
57
Input instruction hold after PSEN
0
–
0
–
ns
tPXIZ
57
Input instruction float after PSEN
–
tCLCL–25
–
5
ns
tAVIV
57
Address to valid instruction in
–
5tCLCL–80
–
70
ns
tPLAZ
57
PSEN low to address float
–
10
–
10
ns
Data Memory
tRLRH
58, 59
RD pulse width
6tCLCL–100
–
82
–
ns
tWLWH
58, 59
WR pulse width
6tCLCL–100
–
82
–
ns
tRLDV
58, 59
RD low to valid data in
–
5tCLCL–90
–
60
ns
tRHDX
58, 59
Data hold after RD
0
–
0
–
ns
tRHDZ
58, 59
Data float after RD
–
2tCLCL–28
–
32
ns
tLLDV
58, 59
ALE low to valid data in
–
8tCLCL–150
–
90
ns
tAVDV
58, 59
Address to valid data in
–
9tCLCL–165
–
105
ns
tLLWL
58, 59
ALE low to RD or WR low
3tCLCL–50
3tCLCL+50
40
140
ns
tAVWL
58, 59
Address valid to WR low or RD low
4tCLCL–75
–
45
–
ns
tQVWX
58, 59
Data valid to WR transition
tCLCL–30
–
0
–
ns
tWHQX
58, 59
Data hold after WR
tCLCL–25
–
5
–
ns
tQVWH
59
Data valid to WR high
7tCLCL–130
–
80
–
ns
tRLAZ
58, 59
RD low to address float
–
0
–
0
ns
tWHLH
58, 59
RD or WR high to ALE high
tCLCL–25
tCLCL+25
5
55
ns
External Clock
tCHCX
61
High time
17
tCLCL–tCLCX
–
–
ns
tCLCX
61
Low time
17
tCLCL–tCHCX
–
–
ns
tCLCH
61
Rise time
–
5
–
–
ns
tCHCL
61
Fall time
–
5
–
–
ns
Shift Register
tXLXL
60
Serial port clock cycle time
12tCLCL
–
360
–
ns
tQVXH
60
Output data setup to clock rising edge
10tCLCL–133
–
167
–
ns
tXHQX
60
Output data hold after clock rising edge
2tCLCL–80
–
50
–
ns
tXHDX
60
Input data hold after clock rising edge
0
–
0
–
ns
tXHDV
60
Clock rising edge to input data valid
–
10tCLCL–133
–
167
ns
NOTES:
1. Parameters are valid over operating temperature range unless otherwise specified.
2. Load capacitance for port 0, ALE, and PSEN = 100 pF, load capacitance for all other outputs = 80 pF.
3. Interfacing the microcontroller to devices with float times up to 45 ns is permitted. This limited bus contention will not cause damage to Port 0
drivers.
4. Parts are tested to 3.5 MHz, but guaranteed to operate down to 0 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com