Electronic Components Datasheet Search
  English  ▼

X  

GXM Datasheet(PDF) 221 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 221 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 217Page - National Semiconductor (TI) GXM Datasheet HTML 218Page - National Semiconductor (TI) GXM Datasheet HTML 219Page - National Semiconductor (TI) GXM Datasheet HTML 220Page - National Semiconductor (TI) GXM Datasheet HTML 221Page - National Semiconductor (TI) GXM Datasheet HTML 222Page - National Semiconductor (TI) GXM Datasheet HTML 223Page - National Semiconductor (TI) GXM Datasheet HTML 224Page - National Semiconductor (TI) GXM Datasheet HTML 225Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 221 / 244 page
background image
Revision 3.1
221
www.national.com
Instruction Set (Continued)
SETL/SETNGE Set Byte on Less/Not Greater or Equal
To Register/Memory
0F 9C [mod 000 r/m]
---------
1
1
h
SETLE/SETNG Set Byte on Less or Equal/Not Greater
To Register/Memory
0F 9E [mod 000 r/m]
---------
1
1
h
SETNB/SETAE/SETNC Set Byte on Not Below/Above or Equal/Not Carry
To Register/Memory
0F 93 [mod 000 r/m]
---------
1
1
h
SETNBE/SETA Set Byte on Not Below or Equal/Above
To Register/Memory
0F 97 [mod 000 r/m]
---------
1
1
h
SETNE/SETNZ Set ByteonNot Equal/NotZero
To Register/Memory
0F 95 [mod 000 r/m]
---------
1
1
h
SETNL/SETGE Set Byte on Not Less/Greater or Equal
To Register/Memory
0F 9D [mod 000 r/m]
---------
1
1
h
SETNLE/SETG Set Byte on Not Less or Equal/Greater
To Register/Memory
0F 9F [mod 000 r/m]
---------
1
1
h
SETNO Set Byte on Not Overflow
To Register/Memory
0F 91 [mod 000 r/m]
---------
1
1
h
SETNP/SETPO Set ByteonNot Parity/ParityOdd
To Register/Memory
0F 9B [mod 000 r/m]
---------
1
1
h
SETNS Set Byte on Not Sign
To Register/Memory
0F 99 [mod 000 r/m]
---------
1
1
h
SETO Set Byte on Overflow
To Register/Memory
0F 90 [mod 000 r/m]
---------
1
1
h
SETP/SETPE Set Byte on Parity/Parity Even
To Register/Memory
0F 9A [mod 000 r/m]
---------
1
1
h
SETS Set Byte on Sign
To Register/Memory
0F 98 [mod 000 r/m]
---------
1
1
h
SGDT Store GDT Register
To Register/Memory
0F 01 [mod 000 r/m]
---------
6
6
b,c
h
SIDT Store IDT Register
To Register/Memory
0F 01 [mod 001 r/m]
---------
6
6
b,c
h
SLDT Store LDT Register
To Register/Memory
0F 00 [mod 000 r/m]
---------
1
a
h
STR Store Task Register
To Register/Memory
0F 00 [mod 001 r/m]
---------
3
a
h
SMSW Store Machine Status Word
0F 01 [mod 100 r/m]
---------
4
4
b,c
h
STOS Store String
A [101w]
---------
2
2
b
h
SHL Shift Left Logical
Register/Memory by 1
D [000w] [mod 100 r/m]
x
-
-
-
x
x
u
x
x
1
1
b
h
Register/Memory by CL
D [001w] [mod 100 r/m]
u
-
-
-
x
x
u
x
x
2
2
Register/Memory by Immediate
C [000w] [mod 100 r/m] #
u
-
-
-
x
x
u
x
x
1
1
SHLD ShiftLeftDouble
Register/Memory by Immediate
0F A4 [mod reg r/m] #
u
-
-
-
x
x
u
x
x
3
3
b
h
Register/Memory by CL
0F A5 [mod reg r/m]
6
6
SHR Shift Right Logical
Register/Memory by 1
D [000w] [mod 101 r/m]
x
-
-
-
x
x
u
x
x
2
2
b
h
Register/Memory by CL
D [001w] [mod 101 r/m]
u
-
-
-
x
x
u
x
x
2
2
Register/Memory by Immediate
C [000w] [mod 101 r/m] #
u
-
-
-
x
x
u
x
x
2
2
SHRD Shift Right Double
Register/Memory by Immediate
0F AC [mod reg r/m] #
u
-
-
-
x
x
u
x
x
3
3
b
h
Register/Memory by CL
0F AD [mod reg r/m]
6
6
SMINT Software SMM Entry
0F 38
---------
84
84
s
s
Table 9-27. Processor Core Instruction Set Summary (Continued)
Instruction
Opcode
Flags
Real
Mode
Prot’d
Mode
Real
Mode
Prot’d
Mode
OD I
T
S Z
A P C
FFFFFFFFF
Clock Count
(Reg/Cache Hit)
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com