Electronic Components Datasheet Search
  English  ▼

X  

MSOS804A Datasheet(PDF) 28 Page - Keysight Technologies

Part # MSOS804A
Description  Infiniium S-Series High-Definition Oscilloscopes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

MSOS804A Datasheet(HTML) 28 Page - Keysight Technologies

Back Button MSOS804A Datasheet HTML 24Page - Keysight Technologies MSOS804A Datasheet HTML 25Page - Keysight Technologies MSOS804A Datasheet HTML 26Page - Keysight Technologies MSOS804A Datasheet HTML 27Page - Keysight Technologies MSOS804A Datasheet HTML 28Page - Keysight Technologies MSOS804A Datasheet HTML 29Page - Keysight Technologies MSOS804A Datasheet HTML 30Page - Keysight Technologies MSOS804A Datasheet HTML 31Page - Keysight Technologies MSOS804A Datasheet HTML 32Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
28 | Keysight | Infiniium S-Series High-Definition Oscilloscopes - Data Sheet
Accessories
Quickly remove your solid state drive for additional
security
All S-Series models ship standard with a solid state drive. This
gives you faster boot time, enhanced reliability, and the ability
to quickly remove the solid state drive for safekeeping in secure
environments. Need additional solid state drives for secure
environments? N2746S provides an additional solid state drive
with Windows 7.
Rack mount your oscilloscope
Mount your S-Series oscilloscope in an 8U high, 19” (487 mm)
wide rack with the N2902B rack mount kit. The sturdy kit provides
additional BNCs on the rack mount front panel for BNC in/out
signals on the side of S-Series models.
Need to ship your oscilloscope or take it on an
airplane?
Cruzer has created a custom case for Keysight’s Infiniium
S-Series oscilloscopes. Order the rugged hard-shell transit
case directly from Cruzer (http://www.casecruzer.com/
oscilloscope/3f1312-0411j.html) using the product number
3F1312-0411J. Shipping weight with an S-Series frame and no
accessories is 51.5 lbs (23.4 kg).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com