Electronic Components Datasheet Search
  English  ▼

X  

MSOS804A Datasheet(PDF) 30 Page - Keysight Technologies

Part # MSOS804A
Description  Infiniium S-Series High-Definition Oscilloscopes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

MSOS804A Datasheet(HTML) 30 Page - Keysight Technologies

Back Button MSOS804A Datasheet HTML 26Page - Keysight Technologies MSOS804A Datasheet HTML 27Page - Keysight Technologies MSOS804A Datasheet HTML 28Page - Keysight Technologies MSOS804A Datasheet HTML 29Page - Keysight Technologies MSOS804A Datasheet HTML 30Page - Keysight Technologies MSOS804A Datasheet HTML 31Page - Keysight Technologies MSOS804A Datasheet HTML 32Page - Keysight Technologies MSOS804A Datasheet HTML 33Page - Keysight Technologies MSOS804A Datasheet HTML 34Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
30 | Keysight | Infiniium S-Series High-Definition Oscilloscopes - Data Sheet
Investment Protection
Expand your oscilloscope’s capability with additional memory, bandwidth, digital channels, or software applications.
Acquisition memory depth upgrade
Option # on new scope
N2113A Option #
(for previously
purchased scopes)
Increase to 100 Mpts/200 Mpts (4-ch/2-ch)
DSOS000-100
100
Increase to 200 Mpts/400 Mpts (4-ch/2-ch)
DSOS000-200
200
Increase to 400 Mpts/800 Mpts (4-ch/2-ch)
DSOS000-400
400
Bandwidth upgrades
DSOS8GBW
Upgrade to 8 GHz bandwidth
DSOS6GBW
Upgrade to 6 GHz bandwidth
DSOS4GBW
Upgrade to 4 GHz bandwidth
DSO2G5BW
Upgrade to 2.5 GHz bandwidth
DSOS2GBW
Upgrade to 2 GHz bandwidth
DSOS1GBW
Upgrade to 1 GHz bandwidth
Note: Customer-installable calibration is recommended and incurs additional charges.
Capture more time and keep faster sample
rates as horizontal settings are slowed.
Additional acquisition memory can be
added to the initial purchase or after
purchase.
All S-Series oscilloscopes ship with the
same hardware and are calibrated to
8 GHz on the production line. In less than
1 minute, any lower-bandwidth S-Series
scope can be user-upgraded to any higher
bandwidth.
Upgrade any DSO model to an MSO in
less than 1 minute with the N2901E MSO
upgrade kit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com