Electronic Components Datasheet Search
  English  ▼

X  

MSOS804A Datasheet(PDF) 36 Page - Keysight Technologies

Part # MSOS804A
Description  Infiniium S-Series High-Definition Oscilloscopes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

MSOS804A Datasheet(HTML) 36 Page - Keysight Technologies

Back Button MSOS804A Datasheet HTML 32Page - Keysight Technologies MSOS804A Datasheet HTML 33Page - Keysight Technologies MSOS804A Datasheet HTML 34Page - Keysight Technologies MSOS804A Datasheet HTML 35Page - Keysight Technologies MSOS804A Datasheet HTML 36Page - Keysight Technologies MSOS804A Datasheet HTML 37Page - Keysight Technologies MSOS804A Datasheet HTML 38Page - Keysight Technologies MSOS804A Datasheet HTML 39Page - Keysight Technologies MSOS804A Datasheet HTML 40Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
36 | Keysight | Infiniium S-Series High-Definition Oscilloscopes - Data Sheet
Acquisition and trigger
Acquisition - scope channels
Maximum real time sample rate
4 x 10 GSa/s or 2 x 20 GSa/s
Standard memory depth
50 Mpts x 4 channels, 100 Mpts x 2 channels
Memory options
Option 100: 100 Mpts x 4 channels, 200 Mpts x 2 channels
Option 200: 200 Mpts x 4 channels, 400 Mpts x 2 channels
Option 400 (single/run mode)
Sample rate
2 channels
4 channels
20 GSa/s
800/400 Mpts
Not available
10 GSa/s
400/200 Mpts
400/200 Mpts
≤ 5 GSa/s
536/268 Mpts
400/200 Mpts
Sampling modes
Real time
Real time with peak detect
High resolution (11 or 12 bit user selection)
Equivalent time
Segmented memory (minimum time between segments = 3.3 us)
Memory depth
Maximum number of segments
Standard (50 Mpts/ch)
16,384
100 Mpts/ch
32,768
200 Mpts/ch
65,536
400 Mpts/ch
65,536
Roll (200 ms to 1 ks per division)
Filters
Sin(x)/x interpolation
Acquisition - digital channels
Maximum real time sample rate
2 GSa/s
Max memory depth per channel
128/64 Mpts with 2 GSa/s, 64/32 Mpts with < 2 GSa/s (single/run mode)
Minimum width glitch detect
2 ns
DSO/MSO models
S-054A
S-104A
S-204A
S-254A
S-404A
S-604A
S-804A
Trigger – scope channels
Ch 1, 2, 3, 4, aux, and line
Max trigger freq on 50 Ω path
Full bandwidth
3 GHz bandwidth
Sensitivity (edge trigger)
20 MHz
200 MHz
1 GHz
2.5 GHz
> 2.5 GHz
1 MΩ
< 5 mV/div
< 0.7 div
< 1.4 div (up to 500 MHz)
> 5 mV/div
< 0.3 div
< 0.5 div
< 0.8 div (up to 500 MHz)
50 Ω
< 5 mV/div
< 0.15 div
< 0.2 div
< 0.3 div
< 0.45 div
< 1.6 div
> 5 mV/div
0 div
0 div
0 div
< 0.1 div
< 0.6 div
Trigger level range - any channel
Ch 1, 2, 3, 4: 50 Ω: ± 4 divisions from center screen
Ch 1, 2, 3, 4: 1 MΩ: ± 4 divisions from center screen
Auxiliary: ± 5 V (50 Ω) (maximum input: 5 Vpp)
Sweep modes
Auto, triggered, single
Display jitter 2, 3, 4
(Trigger jitter)
520 fs rms
Trigger hold off range
100 ns to 10 s
Trigger actions
Specify an action to occur (and the frequency of the action) when a trigger condition occurs
Actions include: email on trigger and execute “multipurpose” user settings
Trigger coupling
50 Ω and 1 MΩ: DC, or AC: (10 Hz) low frequency reject (50 kHz high pass filter), high frequency reject (50 kHz low
pass filter)
1. Denotes warranted specifications, all others are typical. Specifications are valid after a 30-minute warm-up period and ± 5 °C from firmware calibration
temperature.
2. Internal edge trigger mode with JitterFree correction. Value depends on scope settings and trigger signal characteristics, and is equal to Time Interval Error
value expressed in the formula above using the minimum Time Scale Accuracy value.
3. Value shown represents typical Display jitter for DSOS404A at 100 mV/div triggering on 500 mVpp 2 GHz sin wave signal.
4. Sample rate at maximum. Noise and slew rate determined at fixed-voltage trigger threshold, near middle of signal. Displayed signal not vertically clipped.
Infiniium S-Series Performance Characteristics (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com