Electronic Components Datasheet Search
  English  ▼

X  

MSOS804A Datasheet(PDF) 34 Page - Keysight Technologies

Part # MSOS804A
Description  Infiniium S-Series High-Definition Oscilloscopes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

MSOS804A Datasheet(HTML) 34 Page - Keysight Technologies

Back Button MSOS804A Datasheet HTML 30Page - Keysight Technologies MSOS804A Datasheet HTML 31Page - Keysight Technologies MSOS804A Datasheet HTML 32Page - Keysight Technologies MSOS804A Datasheet HTML 33Page - Keysight Technologies MSOS804A Datasheet HTML 34Page - Keysight Technologies MSOS804A Datasheet HTML 35Page - Keysight Technologies MSOS804A Datasheet HTML 36Page - Keysight Technologies MSOS804A Datasheet HTML 37Page - Keysight Technologies MSOS804A Datasheet HTML 38Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
34 | Keysight | Infiniium S-Series High-Definition Oscilloscopes - Data Sheet
Horizontal
Horizontal system: Oscilloscope channels
Main timebase range
5 ps/div to 50 s/div
Resolution
1 ps
Modes
Main, Delayed, Roll ⦁ (200 ms/div to 200 s/div)
Reference position
Continuously adjustable across horizontal display range
Horizontal position range
0 to ± 500 sec
Delayed sweep range
1 ps/div to current main time scale setting
Time scale accuracy 1, 8
± (12 ppb initial + 75 ppb/year aging)
Oscilloscope channel de-skew range
–1 ms to +1 ms
Intrinsic jitter 6
(Sample clock jitter)
Acquired time range or
delta-time interval
Internal reference
External reference
< 1 us (100 ns/div)
100 fs rms
100 fs rms
10 us (1 us/div)
123 fs rms
123 fs rms
100 us (10 us/div)
138 fs rms
138 fs rms
1 ms (100 us/div)
145 fs rms
145 fs rms
10 ms ( 1 ms/div)
200 fs rms
145 fs rms
Inter-channel intrinsic jitter 3
100 fs rms
Inter-channel skew drift 3, 7
< 500 fs rms
Jitter measurement floor 2
– Time interval error
(
)
2
2
Intrinsic Jitter 
Noise Floor
Slew Rate
+
– Period jitter
(
)
2
2
2
 
Noise Floor
Intrinsic Jitter
Slew Rate
+
– Cycle-cycle/N-cycle jitter
(
)
2
2
3
 
Noise Floor
Intrinsic Jitter
Slew Rate
+
Inter-channel jitter measurement floor 2, 3, 5
(
)
(
)
2
2
2
1
2
Time Interval
Time Interval
Inter channel
Error Edge
Error Edge
Intrinsic Jitter
+
+
1. Denotes warranted specifications, all others are typical. Specifications are valid after a 30-minute warm-up period and ± 5 °C from firmware calibration
temperature.
2. Sample rate at maximum. Noise and slew rate determined at fixed-voltage measurement threshold, near middle of signal. Displayed signal not vertically
clipped. Slew rate of sine wave = (peak signal amplitude) ⦁ 2 ⦁ π ⦁ f, slew rate of fast step ~= (10 to 90% rise time).
3. Intra-channel = both edges on the same channel, Inter-channel = two edges on different channels. Time Interval Error(Edge1) = time-interval error
measurement floor of first edge, Time Interval Error(Edge2) = time-interval error measurement floor of second edge.
4. Reading is the displayed Delta Time Measurement Accuracy measurement value. Do not double the listed Time Scale Accuracy value in Delta Time
Measurement Accuracy formula.
5. Scope channels and signal interconnect de-skewed prior to measurement.
6. External timebase reference values measured using a Wenzel 501-04608A 10 MHz reference. Intrinsic jitter value depends on acquisition time range for
Time Interval Error formula and depends on delta-time between edges for all two-edge formulas.
7. Skew between channels caused by ± 5 degrees C temperature change.
8. Initial = immediately after factory or user calibration.
Infiniium S-Series Performance Characteristics (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com