Electronic Components Datasheet Search
  English  ▼

X  

MSOS804A Datasheet(PDF) 38 Page - Keysight Technologies

Part # MSOS804A
Description  Infiniium S-Series High-Definition Oscilloscopes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

MSOS804A Datasheet(HTML) 38 Page - Keysight Technologies

Back Button MSOS804A Datasheet HTML 34Page - Keysight Technologies MSOS804A Datasheet HTML 35Page - Keysight Technologies MSOS804A Datasheet HTML 36Page - Keysight Technologies MSOS804A Datasheet HTML 37Page - Keysight Technologies MSOS804A Datasheet HTML 38Page - Keysight Technologies MSOS804A Datasheet HTML 39Page - Keysight Technologies MSOS804A Datasheet HTML 40Page - Keysight Technologies MSOS804A Datasheet HTML 41Page - Keysight Technologies MSOS804A Datasheet HTML 42Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
38 | Keysight | Infiniium S-Series High-Definition Oscilloscopes - Data Sheet
Measurements and math
Measurements and math
Math functions can operate on any combination of channels, memories, or other functions
Math functions
Up to 16 independent functions
Gates
Up to 16 (any function can be used as a gate)
Waveform measurements
Can be made on either main, zoom, or gated region with up to 20 simultaneous measurements
Waveform memories
Four for scope waveforms, one memory that includes all digital channels simultaneously
Voltage (scope channels)
Peak-to-peak, minimum, maximum, average, RMS, amplitude, base, top, overshoot, V overshoot, preshoot, V
preshoot, upper, middle, lower, crossing point voltage , pulse top, pulse base, pulse amplitude
Time (digital channels)
Period, frequency, positive width, negative width, duty cycle, delta time
Time (scope channels)
Rise time, fall time, period, frequency, positive width, negative width, duty cycle, Tmin, Tmax, Tvolt, channel-to-
channel delta time, channel-to-channel phase, count pulses, burst width, burst period, burst interval, setup time,
hold time
Mixed (scope channels only)
Area, slew rate
Frequency domain
FFT frequency, FFT magnitude, FFT delta frequency, FFT delta magnitude
Level qualification
Any channels that are not involved in a measurement can be used to level-qualify all timing measurements
Eye-diagram measurements
Eye height, eye width, eye jitter, crossing percentage, Q factor, and duty-cycle distortion
Measurement modes
Statistics
Displays the mean, standard deviation, minimum, maximum range, and number of measurement values for the
displayed automatic measurements
Histograms
Source
Waveform or measurement
Orientation
Vertical (for timing and jitter measurements) or horizontal (noise and amplitude change) modes, regions are defined
using waveform markers
Measurements
Mean, standard deviation, mean ± 1, 2, and 3 sigma, median, mode, peak-to-peak, min, max, total hits, peak (area of
most hits), X scale hits, and X offset hits
Marker modes
Manual markers, track waveform data, track measurements, and delta marker values can be displayed
Waveform math
Operators
Absolute value, add, AM demodulation, average, gating, Butterworth 1, common mode, differentiate, divide,
envelope, FFT magnitude, FFT phase, FIR 1, high pass filter, integrate, invert, LFE 1, low pass filter (4th-order Bessel
Thompson filter), magnify, max, min, multiply, RT Eye 1, smoothing, SqrtSumOfSquare 1, square, square root,
subtract, versus, chart (MSO models)
Automatic measurements
Measure menu access to all measurements, up to 20 measurements can be displayed simultaneously
Multipurpose
User-selectable for saving images when pressed or taking a series of measurements defined by the user, or other
actions
Drag-and-drop measurement
toolbar
Measurement toolbar with common measurement icons that can be dragged and dropped onto the displayed
waveforms
FFT (FFT viewer is standard)
Frequency range
DC to 10 GHz (at 20 GSa/s) or 5 GHz (at 10 GSa/s)
Frequency resolution
Resolution = sample rate/memory depth
Window modes
Hanning, flattop, rectangular, Blackman Harris, Hamming
1. Requires MATLAB software and license.
Infiniium S-Series Performance Characteristics (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com