Electronic Components Datasheet Search
  English  ▼

X  

AP3064 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP3064
Description  FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3064 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP3064 Datasheet HTML 2Page - Diodes Incorporated AP3064 Datasheet HTML 3Page - Diodes Incorporated AP3064 Datasheet HTML 4Page - Diodes Incorporated AP3064 Datasheet HTML 5Page - Diodes Incorporated AP3064 Datasheet HTML 6Page - Diodes Incorporated AP3064 Datasheet HTML 7Page - Diodes Incorporated AP3064 Datasheet HTML 8Page - Diodes Incorporated AP3064 Datasheet HTML 9Page - Diodes Incorporated AP3064 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AP3064
Document number: DS37485 Rev. 2 - 2
6 of 20
www.diodes.com
September 2015
© Diodes Incorporated
AP3064
Electrical Characteristics (Cont. VIN =24V, VEN=5V, Typical TA=+25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
OVER-VOLTAGE PROTECTION
VOVP
OVP Threshold Voltage
VOUT Rising
1.9
2.0
2.1
V
VOVP_HYS
OVP Hysteresis
–
–
250
–
mV
VOVP-SH
Shutdown Under Abnormal Condition
–
3.0
3.2
3.4
V
CURRENT SOURCE
ICH_MATCH
LED Current Matching between Each String
(Note 7)
ICH=100mA
–
1.5
4
%
ICH
Regulation Current per Channel
RISET=12kΩ
92
100
108
mA
VLED_REG
Minimum LED Regulation Voltage
ICHX=100mA
–
230
–
mV
ILED_LEAK
CH1 to CH4 Leakage Current
VEN=0V, VLED=37V
–
0.1
1
µA
VLED-S
LED Short Protection Threshold
–
6.6
7.3
8.0
V
OVER-TEMPERATURE PROTECTION
TOTSD
Thermal Shutdown Temperature (Note 6)
–
–
+160
–
ºC
THYS
Thermal Shutdown Recovery (Note 6)
–
–
+140
–
ºC
Notes:
6. Guaranteed by design.
7.
%
100
2
_
AVG
MIN
MAX
MATCH
ST
I
I
I
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com