Electronic Components Datasheet Search
  English  ▼

X  

AP3064 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP3064
Description  FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3064 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP3064 Datasheet HTML 4Page - Diodes Incorporated AP3064 Datasheet HTML 5Page - Diodes Incorporated AP3064 Datasheet HTML 6Page - Diodes Incorporated AP3064 Datasheet HTML 7Page - Diodes Incorporated AP3064 Datasheet HTML 8Page - Diodes Incorporated AP3064 Datasheet HTML 9Page - Diodes Incorporated AP3064 Datasheet HTML 10Page - Diodes Incorporated AP3064 Datasheet HTML 11Page - Diodes Incorporated AP3064 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AP3064
Document number: DS37485 Rev. 2 - 2
8 of 20
www.diodes.com
September 2015
© Diodes Incorporated
AP3064
Performance Characteristics (Cont. VIN=24V, VEN=VDD=5V, 13 LEDs in series, 4 strings in parallel, 120mA/string, TA=+25°C,
unless otherwise specified.)
Steady State
System Startup
PWM Dimming
LED Short Protection
LED Open Protection
Schottky/Inductor Short Protection
ICH
20mA/div
VSW
50V/div
VOUT_AC
500mV/div
VCH
200mV/div
Time 1
ms/div
VSW
20V/div
VIN
20V/div
VOUT
20V/div
ICH
100mA/div
Time 20ms/div
VSW
20V/div
VPWM
5V/div
ICH
100mA/div
Time 2ms/div
Time 10
ms/div
VSW
50V/div
VSTATUS
5V/div
ICH
100mA/div
VCH
5V/div
Time 50ms/div
Time 50
ms/div
VSW
50V/div
VSTATUS
5V/div
ICH
50mA/div
VOVP
1V/div
VSTATUS
5V/div
VSW
50V/div
VCS
1V/div
ICH
50mA/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com