Electronic Components Datasheet Search
  English  ▼

X  

AP3064 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP3064
Description  FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3064 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP3064 Datasheet HTML 1Page - Diodes Incorporated AP3064 Datasheet HTML 2Page - Diodes Incorporated AP3064 Datasheet HTML 3Page - Diodes Incorporated AP3064 Datasheet HTML 4Page - Diodes Incorporated AP3064 Datasheet HTML 5Page - Diodes Incorporated AP3064 Datasheet HTML 6Page - Diodes Incorporated AP3064 Datasheet HTML 7Page - Diodes Incorporated AP3064 Datasheet HTML 8Page - Diodes Incorporated AP3064 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
AP3064
Document number: DS37485 Rev. 2 - 2
1 of 20
www.diodes.com
September 2015
© Diodes Incorporated
AP3064
FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
Description
The AP3064 is a high efficiency boost controller with 4-string current
sources for driving WLED backlight. It operates over a wide input
voltage range from 4.5V to 33V.
The current of 4 strings are simply programmed from 20mA to 220mA
with an external resistor. The current matching between each string is
±1.5% (Typ). Its operating frequency can be adjusted from 0.1MHz to
1MHz.
The AP3064 features cycle-by-cycle current limit, soft-start, under
voltage
lockout
(UVLO)
protection,
programmable
OVP,
over
temperature protection (OTP), open/short LED protection, VOUT
short/Schottky diode open protection and Schottky Diode short-circuit
protection.
The AP3064 is available in SOIC-16, PSOP-16, DIP-16 and QFN-
4×4-16 packages.
Features
Input Voltage Range: 4.5V to 33V
Drives up to 4 Strings in Parallel, 220mA per String
Programmable WLED Current from 20mA to 220mA
Adjustable Operating Frequency: 100kHz to 1MHz
String-to-string Current Matching Accuracy: ±1.5%
Built-in OCP, OTP, UVLO
External PWM Dimming
Open/Short LED Protection
Programmable Soft-start
Programmable OVP
Schottky Diode/Inductor Short-circuit Protection
VOUT Short/Schottky Diode Open Protection
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Applications
LCD Monitor
LCD Display Module
LCD TV
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Pin Assignments
(Top View)
(Top View)
(Top View)
(Top View)
SOIC-16
PSOP-16
DIP-16
QFN-4×4-16
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CH4
ISET
OVP
RT
EN
CS
OUT
VCC
VIN
STATUS
COMP
DIM
CH1
CH2
GND
CH3
CH 4
ISET
OVP
RT
EN
CS
OUT
VCC
VIN
STATUS
COMP
DIM
CH1
CH2
GND
CH 3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
CH4
ISET
OVP
RT
EN
CS
OUT
VCC
VIN
STATUS
COMP
DIM
CH1
CH2
GND
CH3
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND
CH 3
CH 4
OVP
OUT
VCC
VIN
STATUS
1
E P
13
12
11
10
9
8
7
6
5
4
3
2
16
15
14
Pin 1 Mark


Similar Part No. - AP3064

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
AP30610 SCHNEIDER-AP30610 Datasheet
70Kb / 2P
BUSWAY PLUG-IN STRAIGHT LENGTH 10FT 600A
Jun 3, 2020
AP3066 SCHNEIDER-AP3066 Datasheet
70Kb / 2P
BUSWAY PLUG-IN STRAIGHT LENGTH 6 FT 600A
Jun 3, 2020
logo
BCD Semiconductor Manuf...
AP3068 BCDSEMI-AP3068 Datasheet
393Kb / 15P
WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
AP3068GTR-G1 BCDSEMI-AP3068GTR-G1 Datasheet
393Kb / 15P
WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
logo
Schneider Electric
AP306G10 SCHNEIDER-AP306G10 Datasheet
70Kb / 2P
BUSWAY PLUG-IN STRAIGHT LENGTH 10FT 600A
More results

Similar Description - AP3064

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8042 LINER-LTM8042 Datasheet
267Kb / 32P
關Module Boost LED Driver and Current Source
LTM8042 LINER-LTM8042_15 Datasheet
301Kb / 32P
Module Boost LED Driver and Current Source
LTM8042-1 LINER-LTM8042-1_15 Datasheet
301Kb / 32P
Module Boost LED Driver and Current Source
logo
Integrated Silicon Solu...
IS31LT3552 ISSI-IS31LT3552 Datasheet
326Kb / 13P
BOOST TYPE LED DRIVER WITH 2-CHANNEL CURRENT SOURCE
IS31LT3554 ISSI-IS31LT3554 Datasheet
340Kb / 13P
BOOST TYPE LED DRIVER WITH 4-CHANNEL CURRENT SOURCE
IS32BL3552 ISSI-IS32BL3552 Datasheet
350Kb / 13P
BOOST TYPE LED DRIVER WITH 2-CHANNEL CURRENT SOURCE
IS32BL3554 ISSI-IS32BL3554 Datasheet
344Kb / 13P
BOOST TYPE LED DRIVER WITH 4-CHANNEL CURRENT SOURCE
logo
Diodes Incorporated
AL3065 DIODES-AL3065 Datasheet
573Kb / 15P
FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
Rev 1
logo
BCD Semiconductor Manuf...
AP3612 BCDSEMI-AP3612 Datasheet
684Kb / 18P
Boost Type LED Driver with 12-Channel Current Source
logo
Diodes Incorporated
AL3066 DIODES-AL3066 Datasheet
495Kb / 14P
FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com