Electronic Components Datasheet Search
  English  ▼

X  

AP3064 Datasheet(PDF) 15 Page - Diodes Incorporated

Part # AP3064
Description  FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3064 Datasheet(HTML) 15 Page - Diodes Incorporated

Back Button AP3064 Datasheet HTML 11Page - Diodes Incorporated AP3064 Datasheet HTML 12Page - Diodes Incorporated AP3064 Datasheet HTML 13Page - Diodes Incorporated AP3064 Datasheet HTML 14Page - Diodes Incorporated AP3064 Datasheet HTML 15Page - Diodes Incorporated AP3064 Datasheet HTML 16Page - Diodes Incorporated AP3064 Datasheet HTML 17Page - Diodes Incorporated AP3064 Datasheet HTML 18Page - Diodes Incorporated AP3064 Datasheet HTML 19Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AP3064
Document number: DS37485 Rev. 2 - 2
15 of 20
www.diodes.com
September 2015
© Diodes Incorporated
AP3064
Package Outline Dimensions (Cont. All dimensions in mm(inch).)
(3)
Package Type: DIP-16
5°
6°
4°
7.320(0.288)
7.920(0.312)
0.700(0.028)
8.200(0.323)
9.400(0.370)
0.204(0.008)
0.360(0.014)
6°
1.524(0.060) TYP
0.510(0.020)MIN
3.000(0.118)
3.600(0.142)
2.540(0.100)
TYP
0.360(0.014)
0.560(0.022)
3.710(0.146)
4.310(0.170)
Φ3.000(0.118)
Depth
0.050(0.002)
0.150(0.006)
3.200(0.126)
3.600(0.142)
6.200(0.244)
6.600(0.260)
18.800(0.740)
19.200(0.756)
R0.750(0.030)
4°
Note: Eject hole, oriented hole and mold mark is optional.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com