Electronic Components Datasheet Search
  English  ▼

X  

AP3064 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP3064
Description  FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3064 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP3064 Datasheet HTML 6Page - Diodes Incorporated AP3064 Datasheet HTML 7Page - Diodes Incorporated AP3064 Datasheet HTML 8Page - Diodes Incorporated AP3064 Datasheet HTML 9Page - Diodes Incorporated AP3064 Datasheet HTML 10Page - Diodes Incorporated AP3064 Datasheet HTML 11Page - Diodes Incorporated AP3064 Datasheet HTML 12Page - Diodes Incorporated AP3064 Datasheet HTML 13Page - Diodes Incorporated AP3064 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AP3064
Document number: DS37485 Rev. 2 - 2
10 of 20
www.diodes.com
September 2015
© Diodes Incorporated
AP3064
Application Information (Cont.)
(5) Over Temperature Protection
(6) Schottky Diode Short Protection
(7) VOUT Short/Open Schottky Diode Protection
6. Over Voltage Protection
The AP3064 integrates an OVP circuit. The OVP pin is connected to the center tap of voltage-divider (ROV1 and ROV2) that placed between high
voltage output and GND. If the voltage on OVP pin exceeds 2.0V, which may results from open loop or excessive output voltage, all the functions
of AP3064 will be disabled with output voltage falling. The OVP hysteresis is 250mV. The formulas of OVP can be expressed as below:
OV2
OV2
OV1
OVP
R
2.0V
)
R
(R
V
7. Over Current Protection
The AP3064 integrates an OCP circuit. The CS pin is connected to the voltage-sensor (RCS) that placed between the Drain of MOS and GND. If
the voltage on CS pin exceeds 0.54V, it is turned off immediately and will not turn on until the next cycle begins.
8. LED Short-Circuit Protection
The AP3064 integrates an LED Short-circuit protection circuit. If the voltage at any of the CH1-4 pins exceeds a threshold of approximately 7.3V
during normal operation, the corresponding string is turned off and is latched off. Toggle VIN and/or EN to reset the latch. LED short detecting logic
priority is lower than open LED and OVP logic. The LED short detecting is triggered when 0.1V<VLED_MIN under dimming on mode, disabled when
LED open occurs until output voltage resumes to the regulated voltage.
9. LED Open-circuit Protection
The AP3064 integrates an LED Open-circuit Protection circuit. When any LED string is open, VOUT will boost up until the voltage at OVP pin
reaches an approximate 2.0V threshold. The IC will automatically ignore the open string whose corresponding pin voltage is less than 100mV and
the remaining string will continue operation. If all the strings are open and the voltage at OVP reaches a threshold of 2.0V, the MOSFET drive
GATE will turn off and IC will shut down and latch.
10. VOUT Short / Open Schottky Diode Protection
The AP3064 monitors the OVP pin, if the OVP pin voltage is less than 0.1V, MOSFET drive output will turn off. This protects the converter if the
output Schottky diode is open or VOUT is shorted to ground.
11. Under Voltage Lockout
The AP3064 provides an under voltage lockout circuit to prevent it from undefined status when startup. The UVLO circuit shuts down the device
when VCC drops below 3.6V. The UVLO circuit has 200mV hysteresis, which means the device starts up again when VCC rise to 3.8V.
12. Over Temperature Protection
The AP3064 features Over Temperature Protection, if the junction temperature exceeds approximately +160ºC, the IC will shut down until the
junction temperature is less than approximately +140ºC. When the IC is released from over temperature shutdown, it will start a soft-start process.
13. Schottky Diode/Inductor Short Circuit Protection
The AP3064 features Schottky diode/inductor short-circuit protection circuit. When CS pin voltage exceeds 0.8V for greater than 16 switching
clocks, the IC will latch. The voltage of CS is monitored after a short delay of LEB.
14. Shut Down under Abnormal Condition
The AP3064 features shutdown under abnormal condition protection circuit. When OVP pin voltage exceeds 3.2V, the IC will latch. Toggle EN to
restart the IC. This feature can be used for any other protection to shut down the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com