Electronic Components Datasheet Search
  English  ▼

X  

REC20 Datasheet(PDF) 1 Page - Recom International Power

Part # REC20
Description  Continuous Short Circuit Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC20 Datasheet(HTML) 1 Page - Recom International Power

  REC20 Datasheet HTML 1Page - Recom International Power REC20 Datasheet HTML 2Page - Recom International Power REC20 Datasheet HTML 3Page - Recom International Power REC20 Datasheet HTML 4Page - Recom International Power REC20 Datasheet HTML 5Page - Recom International Power REC20 Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ECO-1
REV.: 1/2016
www.recom-power.com
20 Watt
2“ x 1“
Single and Dual
Output
DC/DC Converter
Features
Regulated
Converters
• 6-Side Shielding
• External ON/OFF control
• 1.6kVDC Isolation
• UL/CSA/EN-60950-1 Certified
• 2:1 Input Voltage Range
• Continuous Short Circuit Protection
• Efficiency up to 90.5%
• Fixed Switching Frequency
REC20
IEC/EN60950-1 Certified
UL60950-1 Certified
CSA C22.2 NO. 60950 Certified
EN55022 Certified
Description
The REC20-xxxxS_D-series offer single and dual regulated outputs in a 2”x1” package with 1.6kVDC
isolation and are suitable for higher power industrial applications. Remote on/off control is standard.
The higher current outputs have raised output voltages to compensate for track losses as standard. The
converter is fully certified to UL/EN/IEC safety standards.
Selection Guide
Part
Input
Output
Output
Efficiency
max. Capacitive
Number
Voltage Range
Voltage
Current
typ.
Load
[VDC]
[VDC]
[mA]
[%]
[µF]
REC20-123.4S
9-18
3.4
5000
85
10000
REC20-125.1S
9-18
5.1
4000
89
6800
REC20-1212S
9-18
12
1670
88.5
1800
REC20-1215S
9-18
15
1340
88.5
1000
REC20-1212D
9-18
±12
±835
89
±800
REC20-1215D
9-18
±15
±670
89
±500
REC20-243.4S
18-36
3.4
5000
86
10000
REC20-245.1S
18-36
5.1
4000
90
6800
REC20-2412S
18-36
12
1670
89
1800
REC20-2415S
18-36
15
1340
90
1000
REC20-2412D
18-36
±12
±835
89.5
±800
REC20-2415D
18-36
±15
±670
89.5
±500
REC20-483.4S
36-75
3.4
5000
86.5
10000
REC20-485.1S
36-75
5.1
4000
89
6800
REC20-4812S
36-75
12
1670
89
1800
REC20-4815S
36-75
15
1340
90
1000
REC20-4812D
36-75
±12
±835
89.5
±800
REC20-4815D
36-75
±15
±670
90.5
±500
3 YEAR
warranty
3
E224736
Model Numbering
Single or Dual
nom. Input Voltage
Output Voltage
REC20-__ __ _
Ordering Examples:
REC20-4812S, Single Output, 36-75Vin and 12Vout
REC20-2412D, Dual Output, 18-36Vin and ±12Vout


Similar Part No. - REC20

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC20-120512TRWB RECOM-REC20-120512TRWB Datasheet
89Kb / 2P
20 Watt 2??x 2??Single, Dual & Triple Output
REC20-120512TRWBH RECOM-REC20-120512TRWBH Datasheet
89Kb / 2P
20 Watt 2??x 2??Single, Dual & Triple Output
REC20-120515TRWB RECOM-REC20-120515TRWB Datasheet
89Kb / 2P
20 Watt 2??x 2??Single, Dual & Triple Output
REC20-120515TRWBH RECOM-REC20-120515TRWBH Datasheet
89Kb / 2P
20 Watt 2??x 2??Single, Dual & Triple Output
REC20-1205DRWB RECOM-REC20-1205DRWB Datasheet
106Kb / 4P
20 Watt 2 inch x 2 inch Single & Dual Output
More results

Similar Description - REC20

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCD0424S05 XPPOWER-JCD0424S05 Datasheet
105Kb / 2P
Continuous Short Circuit Protection
logo
Central Technologies
CTDD3220DF-D1R5K-3MW CT-CTDD3220DF-D1R5K-3MW Datasheet
277Kb / 2P
Continuous Short Circuit Protection
logo
AIMTEC
AM1LR-NZ AIMTEC-AM1LR-NZ Datasheet
141Kb / 3P
Continuous short circuit protection
AM30EW-NZ AIMTEC-AM30EW-NZ Datasheet
269Kb / 5P
Continuous Short Circuit protection
AM30KW-I-Z AIMTEC-AM30KW-I-Z Datasheet
180Kb / 5P
Continuous Short Circuit Protection
AME5-CJZ AIMTEC-AME5-CJZ Datasheet
191Kb / 5P
Continuous Short circuit protection
AMEL10-MJZ AIMTEC-AMEL10-MJZ Datasheet
170Kb / 3P
Continuous Short Circuit Protection
AMEOF1-JZ AIMTEC-AMEOF1-JZ Datasheet
157Kb / 3P
Continuous short circuit protection
logo
Recom International Pow...
REC30 RECOM-REC30 Datasheet
384Kb / 6P
Continuous Short Circuit Protection
logo
MORNSUN Science& Techno...
F0505XT-W2R2 MORNSUN-F0505XT-W2R2 Datasheet
1Mb / 4P
Continuous short-circuit protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com