Electronic Components Datasheet Search
  English  ▼

X  

REC20 Datasheet(PDF) 3 Page - Recom International Power

Part # REC20
Description  Continuous Short Circuit Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC20 Datasheet(HTML) 3 Page - Recom International Power

  REC20 Datasheet HTML 1Page - Recom International Power REC20 Datasheet HTML 2Page - Recom International Power REC20 Datasheet HTML 3Page - Recom International Power REC20 Datasheet HTML 4Page - Recom International Power REC20 Datasheet HTML 5Page - Recom International Power REC20 Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DC/DC Converter
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)
REC20
Series
PROTECTIONS
Parameter
Condition
Value
Short Circuit Protection (SCP)
continuous, automatic recovery
Over Voltage Protection (OVP)
Zerner Diode Clamp
3.4Vout
5.1Vout
12Vout
15Vout
3.9VDC typ.
6.2VDC typ.
15VDC typ.
18VDC typ.
Over Load Protection (OLP)
140% typ.
Isolation Voltage
I/P to O/P
1.6kVDC / 1 minute
Isolation Capacitance
1000pF typ.
Isolation Resistance
1G
Ω min.
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
with derating
-40°C to +100°C
Maximum Case Temperature
+100°C
Temperatur Coefficient
0.05%/°C typ.
Thermal Impedance
natural convection
12°C/W
Operating Altitude
5000m
Operating Humidity
non-condensing
5% - 95% RH max.
Vibration
MIL-STD-202G
MTBF
according to MIL-HDBK-217F, 25°C, referring to REC20-125.1S
607 x 10³ hours
continued on next page
ECO-3
REV.: 1/2016
www.recom-power.com
Deviation vs. Load
REC20-485.1S
REC20-2415S
36V
48V
75V
Output Current [A]
0
0.10
0
0.30
0.20
0.40
0.60
0.50
0.70
1
2
2
3
4
6
5
5
18V
24V
36V
Output Current [A]
0
0
0.10
0.05
0.20
0.15
0.25
0.30
0.35
0.40
0.13 0.27 0.40 0.54 0.67 0.80
1.34
0.94 1.07 1.21



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com