Electronic Components Datasheet Search
  English  ▼

X  

REC20 Datasheet(PDF) 4 Page - Recom International Power

Part # REC20
Description  Continuous Short Circuit Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC20 Datasheet(HTML) 4 Page - Recom International Power

  REC20 Datasheet HTML 1Page - Recom International Power REC20 Datasheet HTML 2Page - Recom International Power REC20 Datasheet HTML 3Page - Recom International Power REC20 Datasheet HTML 4Page - Recom International Power REC20 Datasheet HTML 5Page - Recom International Power REC20 Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SAFETY AND CERTIFICATIONS
Certificate Type
Report / File Number
Standard
CB General Safety
E224736
IEC60950-1, 2nd Edition, 2013
UL General Safety
E224736
UL60950-1, 2nd Edition, 2014
EN General Safety
E224736
EN60950-1, 2nd Edition, 2013
CAN/CSA General Safety
E224736
C22.2 No. 60950-1-07, 2014
EMC Compliance
Condition
Standard / Criterion
EMI
with external filter (see filter suggestions)
EN55022, Class A,B
ESD
Air: ±8kV; Contact: 4kV
EN61000-4-2, Criteria B
Radiated Immunity
10V/m
EN61000-4-3, Criteria A
Fast Transient
±1kV
EN61000-4-4, Criteria B
Surge (3)
±1kV
EN61000-4-5, Criteria A
Conducted Immunity
10Vr.m.s
EN61000-4-6, Criteria A
Power Magnetic Field
50Hz 1A/m (r.m.s)
EN61000-4-8, Criteria A
continued on next page
REC20
Series
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)
DC/DC Converter
L1
DC
DC
C1
C2
+Vin
-Vin
+Vout
Com
-Vout
EMC Filtering - Suggestions for Class A
ECO-4
REV.: 1/2016
www.recom-power.com
MODEL
C1
C2
L1
REC20-12xxS(D)
4.7µF/50V
NA
0.45mH
REC20-24xxS(D)
4.7µF/50V
NA
0.45mH
REC20-48xxS(D)
2.2µF/100V
2.2µF/100V
0.45mH
Notes:
Note2: For more details, please contact our technical support service at TechsupportAT@recom-power.com
Notes:
Note3: An external MOV is required if the module has to meet EN61000-4-5. The MOV suggest: NichTek SVI32-380
100
80
60
40
20
0
-40
0
60
40
20
-20
100
75 85 95
120
80
Ambient Temperature [°C]
Safe Operating Area
100
80
60
50
40
20
0
-40
0
60
40
20
-20
100
75
90
120
80
Ambient Temperature [°C]
Safe Operating Area
Derating Graph
@ nominal input voltage, full load and natural convection (20LFM)
REC20-485.1S
REC20-2415S



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com