Electronic Components Datasheet Search
  English  ▼

X  

REC20 Datasheet(PDF) 5 Page - Recom International Power

Part # REC20
Description  Continuous Short Circuit Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC20 Datasheet(HTML) 5 Page - Recom International Power

  REC20 Datasheet HTML 1Page - Recom International Power REC20 Datasheet HTML 2Page - Recom International Power REC20 Datasheet HTML 3Page - Recom International Power REC20 Datasheet HTML 4Page - Recom International Power REC20 Datasheet HTML 5Page - Recom International Power REC20 Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DC/DC Converter
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)
REC20
Series
L1
C4
DC
DC
C1
C2
C3
+Vin
-Vin
+Vout
Com
-Vout
EMC Filtering - Suggestions for Class B
ECO-5
REV.: 1/2016
www.recom-power.com
DIMENSION and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
Case
Base
Potting
Nickel plated copper
non conductive black plastic
(UL94V-0) Epoxy
Package Dimension (LxWxH)
50.8 x 25.4 x 10.2mm
Package Weight
27g
Dimension Drawing (mm)
20.32
Bottom View
15.24
15.24
1
5
6
3
2
4
50.8
2.54
Ø1.0
Pin Connections
Pin # Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
Trim
Com
5
-Vout
-Vout
6
Remote On/Off
Tolerance: xx.x=
±0.5mm
xx.xx= ±0.35mm
Pin dimension:
±0.05mm
MODEL
C1
C2
L1
C3
C4
REC20-12xxS(D)
10µF/50V
10µF/50V
0.45mH
1nF/2kV
1nF/2kV
REC20-24xxS(D)
4.7µF/50V
NA
0.45mH
1nF/2kV
1nF/2kV
REC20-48xxS(D)
2.2µF/100V
4.7µF/100V
0.67mH
3.3nF/2kV
3.3nF/2kV



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com