Electronic Components Datasheet Search
  English  ▼

X  

REC20 Datasheet(PDF) 6 Page - Recom International Power

Part # REC20
Description  Continuous Short Circuit Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC20 Datasheet(HTML) 6 Page - Recom International Power

  REC20 Datasheet HTML 1Page - Recom International Power REC20 Datasheet HTML 2Page - Recom International Power REC20 Datasheet HTML 3Page - Recom International Power REC20 Datasheet HTML 4Page - Recom International Power REC20 Datasheet HTML 5Page - Recom International Power REC20 Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PACKAGING INFORMATION
Packaging Dimension (LxWxH)
Tube
520.0 x 54.5 x 21.0mm
Packaging Quantity
18pcs
Storage Temperature Range
-55°C to +125°C
REC20
Series
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)
DC/DC Converter
ECO-6
REV.: 1/2016
www.recom-power.com
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit written
consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
INSTALLATION and APPLICATION
External Output Voltage Trimming
R1
Rd
Vref
R2
R3
-Vout
Trim
RU
R1
Vref
R2
R3
+Vout
Trim
R1
Rd
Vref
R2
R3
-Vout
Trim
RU
R1
Vref
R2
R3
+Vout
Trim
Trim up
Trim down
RU =
aR2
- R3
a =
Vref
x R1
R2-a
Vó - Vref
Rd =
bR1
- R3
b =
Vref
x R2
R1-b
Vó - Vref
Notes:
Note4:
RU and Rd is mean trim resistor, please check the formula.
Note5:
a & b: user define parameter, no actual meanings.
Note6:
Vó is mean trim up/down voltage.
Note7:
Value for R1, R2, R3 and Vref refer to table.
Output
Voltage
3.4V
5.1V
12V
15V
R1
2.1K
2.21K
8.87K
6.04K
R2
1.2K
2.1K
2.4K
1.2K
R3
4.7K
7.32K
15K
9.76K
Vref
1.24V
2.5V
2.5V
2.5V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com