Electronic Components Datasheet Search
  English  ▼

X  

ISO150AP Datasheet(PDF) 3 Page - Texas Instruments

Part # ISO150AP
Description  DUAL, ISOLATED, BIDIRECTIONAL DIGITAL COUPLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO150AP Datasheet(HTML) 3 Page - Texas Instruments

  ISO150AP Datasheet HTML 1Page - Texas Instruments ISO150AP Datasheet HTML 2Page - Texas Instruments ISO150AP Datasheet HTML 3Page - Texas Instruments ISO150AP Datasheet HTML 4Page - Texas Instruments ISO150AP Datasheet HTML 5Page - Texas Instruments ISO150AP Datasheet HTML 6Page - Texas Instruments ISO150AP Datasheet HTML 7Page - Texas Instruments ISO150AP Datasheet HTML 8Page - Texas Instruments ISO150AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
ELECTRICAL CHARACTERISTICS
ISO150
www.ti.com .......................................................................................................................................... SBOS032D – SEPTEMBER 2000 – REVISED AUGUST 2008
At TA = 25°C and VS = 5 V (unless otherwise noted)
ISO150AU
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
ISOLATION PARAMETERS
Rated Voltage, Continuous
60 Hz
1500
Vrms
Partial Discharge, 100% Test(1)
1s, 5pC
2400
Vrms
Creepage distance (external)
SO-U Package
7.2
mm
Internal isolation distance
0.10
mm
Isolation voltage transient immunity(2)
1.6
kV/
µs
Barrier impedance
>1014 || 7
Ω || pF
Leakage current
240 Vrms, 50 Hz
0.6
µArms
DC PARAMETERS
HIGH, VOH
IOH = 6 mA
VS –1
VS
Logic output voltage
V
LOW, VOL
IOL = 6 mA
0
0.4
Logic output short-circuit current
Source or sink
30
mA
HIGH(3)
2
VS
Logic input voltage
V
LOW(3)
0
0.8
Logic input capacitance
5
pF
Logic input current
<1
nA
Power-supply voltage range(3)
3
5
5.5
V
DC
0.001
100
µA
Transmit mode
50M Baud
14
mA
Power-supply current(4)
DC
7.2
10
Receive mode
mA
50M Baud
16
AC PARAMETERS
Maximum(5)
CL = 50 pF
50
80
Data rate
M Baud
Minimum
DC
Propagation time(6)
CL = 50 pF
27
40
ns
Propagation delay skew(7)
CL = 50 pF
0.5
2
ns
Pulse width distortion(8)
CL = 50 pF
1.5
6
ns
Output rise-and-fall time, 10% to 90%
CL = 50 pF
9
14
ns
Receive to Transmit
13
ns
Mode switch time
Transmit to receive(9)
75
ns
TEMPERATURE RANGE
Operating range
–40
85
°C
Storage
–40
125
°C
Thermal resistance,
θ
JA
75
°C/W
(1)
All devices receive a 1s test. Failure criterion is
≥ 5 PULSES OF ≥5 Pc.
(2)
The voltage rate-of-change across the isolation barrier that can be sustained without data errors.
(3)
Logic inputs are HCT-type and thresholds are a function of power-supply voltage with approximately 0.4 V hysteresis – see text.
(4)
Supply current measured with both transceivers set for the indicated mode. Supply current varies with data rate – see typical
characteristics.
(5)
Calculated from the maximum pulse width distortion (PWD), where Data Rate = 0.3/PWD.
(6)
Propagation time measured from VIN = 1.5 V to VO = 2.5 V.
(7)
The difference in propagation time of channel A and channel B in any combination of transmission directions.
(8)
The difference between propagation time of a rising edge and a falling edge.
(9)
When the device is powered up or direction is changed, the transceiver output is indeterminate (either high or low) and cannot be known
until an input signal is applied. The output begins to track the input as soon as the input receives a change in logic state, either low to
high or high to low.
Copyright © 2000–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ISO150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com