Electronic Components Datasheet Search
  English  ▼

X  

ISO150AP Datasheet(PDF) 11 Page - Texas Instruments

Part # ISO150AP
Description  DUAL, ISOLATED, BIDIRECTIONAL DIGITAL COUPLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO150AP Datasheet(HTML) 11 Page - Texas Instruments

Back Button ISO150AP Datasheet HTML 7Page - Texas Instruments ISO150AP Datasheet HTML 8Page - Texas Instruments ISO150AP Datasheet HTML 9Page - Texas Instruments ISO150AP Datasheet HTML 10Page - Texas Instruments ISO150AP Datasheet HTML 11Page - Texas Instruments ISO150AP Datasheet HTML 12Page - Texas Instruments ISO150AP Datasheet HTML 13Page - Texas Instruments ISO150AP Datasheet HTML 14Page - Texas Instruments ISO150AP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
ISO150
www.ti.com .......................................................................................................................................... SBOS032D – SEPTEMBER 2000 – REVISED AUGUST 2008
Revision History
Changes from Original (August 1994) to Revision A ..................................................................................................... Page
• Changed Features Bullet - From: Plastic DIP and SOIC Packages To: Available in SO Package....................................... 1
• Changed From: ISO150 is available in a 24-pin DIP package To: The ISO150 is available in an SO-28............................ 1
• Changed From Burr-Brown To: Burr-Brown Products from Texas Instruments (New layout)............................................... 1
• Deleted the DIP Package from the Ordering Information Table............................................................................................ 2
• Deleted DIP-P Package from Creepage distance (external) in the Electrical Characteristics Table..................................... 3
• Deleted DIP-P Package illustration from the Pin Configuration............................................................................................. 4
• Changed Pin Configuration From: SOIC Package To: SO Package..................................................................................... 4
• Changed Circuit Layout paragraph From: ISO150 (approximately 16mm for the DIP version). Sockets are not
recommended. To: ISO150 (approximately 7mm)................................................................................................................. 9
Changes from Revision A (February 2003) to Revision B ............................................................................................. Page
• Changed Format and layout. ................................................................................................................................................. 1
• Added Note 9 to the Electrical Characteristics Table ............................................................................................................ 3
Changes from Revision B (February 2005) to Revision C ............................................................................................. Page
• Added Feature: UL 1577 Certified. ........................................................................................................................................ 1
• Added Table: Regulatory Information. ................................................................................................................................... 2
Changes from Revision C (October 2007) to Revision D ............................................................................................... Page
• Changed Abs Max Table - Junction Temperature From: 175°C to 125°C ............................................................................ 2
Copyright © 2000–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ISO150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com