Electronic Components Datasheet Search
  English  ▼

X  

ISO150AP Datasheet(PDF) 9 Page - Texas Instruments

Part # ISO150AP
Description  DUAL, ISOLATED, BIDIRECTIONAL DIGITAL COUPLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO150AP Datasheet(HTML) 9 Page - Texas Instruments

Back Button ISO150AP Datasheet HTML 5Page - Texas Instruments ISO150AP Datasheet HTML 6Page - Texas Instruments ISO150AP Datasheet HTML 7Page - Texas Instruments ISO150AP Datasheet HTML 8Page - Texas Instruments ISO150AP Datasheet HTML 9Page - Texas Instruments ISO150AP Datasheet HTML 10Page - Texas Instruments ISO150AP Datasheet HTML 11Page - Texas Instruments ISO150AP Datasheet HTML 12Page - Texas Instruments ISO150AP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
LOGIC LEVELS
PROPAGATION DELAY AND SKEW
POWER SUPPLY
MODE CHANGES
STANDBY MODE
POWER-UP STATE
CIRCUIT LAYOUT
SIGNAL LOSS
ISO150
www.ti.com .......................................................................................................................................... SBOS032D – SEPTEMBER 2000 – REVISED AUGUST 2008
Still, some applications with large, noisy isolation-
mode voltage can produce data errors by causing the
receiver output to change states. After a data error,
A single pin serves as a data input or output,
subsequent changes in input data will produce correct
depending on the mode selected. Logic inputs are
output data.
CMOS with thresholds set for TTL compatibility. The
logic threshold is approximately 1.3 V with 5 V
supplies with approximately 400 mV of hysteresis.
Input logic thresholds vary with the power-supply
Logic transitions are delayed approximately 27ns
voltage. Drive the logic inputs with signals that swing
through the ISO150. Some applications are sensitive
the full logic voltage swing, note that the ISO150 will
to data skew—the difference in propagation delay
use somewhat greater quiescent current if logic
between channel 1 and channel 2. Skew is less than
inputs do not swing within 0.5 V of the power-supply
2ns between channel 1 and channel 2. Applications
rails.
using
more
than
one
ISO150
must
allow
for
In receive mode, the data output can drive 15
somewhat greater skew from device to device. As all
standard LS-TTL loads. It will also drive CMOS loads.
devices are tested for delay times of 20ns min to
The output drive circuits are CMOS.
40ns max, 20ns is the largest device-to-device data
skew.
Separate, isolated power supplies must be connected
to side A and side B to provide galvanic isolation.
The transmission direction of a channel can be
Nominal rated supply voltage is 5 V. Operation
changed on the fly by reversing the logic levels at the
extends from 3 V to 5.5 V. Power supplies should be
channel's R/T pin. Note that when channel direction is
bypassed close to the device pins on both sides of
changed,
the
output
state
of
the
channel
is
the isolation barrier.
indeterminate (either high or low) and cannot be
known until an input signal is applied. The output
The VS pin for each side powers the transceivers for
begins to track the input as soon as the input
both channel 1 and 2. The specified supply current is
receives a change in logic state, either low to high or
the total of both transceivers on one side, both
high to low.
operating in the indicated mode. Supply current for
one transceiver in transmit mode and one in receive
mode
can
be
estimated
by
averaging
the
specifications for transmit and receive operation.
Quiescent current of each transceiver circuit is very
Supply current varies with the data transmission rate
low in transmit mode when input data is not changing
— see the typical characteristics.
(1nA
typical).
To
conserve
power
when
data
transmission is not required, program both side A and
B transceivers for transmit mode. Input data applied
to either transceiver is ignored by the other side.
When the device is powered up or direction is
High-speed data applied to either transceiver will
changed, the transceiver output is indeterminate
increase quiescent current.
(either high or low) and cannot be known until an
input signal is applied. The output begins to track the
input as soon as the input receives a change in logic
state, either low to high or high to low.
The high speed of the ISO150 and its isolation barrier
require careful circuit layout. Use good high speed
logic layout techniques for the input and output data
lines. Power supplies should be bypassed close to
The ISO150's differential-mode signal transmission
the device pins on both sides of the isolation barrier.
and careful receiver design make it highly immune to
Use low inductance connections. Ground planes are
voltage across the isolation barrier (isolation-mode
recommended.
voltage). Rapidly changing isolation-mode voltage
can cause data errors. As the rate of change of
Maintain spacing between side 1 and side 2 circuitry
isolation voltage is increased, there is a very sudden
equal or greater than the spacing between the
increase in data errors. Approximately 50% of all
missing pins of the ISO150 (approximately 7mm).
ISO150s will begin to produce data errors with
isolation-mode transients of 1.6kV/
µs. This may occur
as low as 500 V/
µs in some devices. In comparison,
a 1000 Vrms, 60 Hz isolation-mode voltage has a
rate of change of approximately 0.5V/
µs.
Copyright © 2000–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ISO150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com