Electronic Components Datasheet Search
  English  ▼

X  

ISO150AP Datasheet(PDF) 4 Page - Texas Instruments

Part # ISO150AP
Description  DUAL, ISOLATED, BIDIRECTIONAL DIGITAL COUPLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO150AP Datasheet(HTML) 4 Page - Texas Instruments

  ISO150AP Datasheet HTML 1Page - Texas Instruments ISO150AP Datasheet HTML 2Page - Texas Instruments ISO150AP Datasheet HTML 3Page - Texas Instruments ISO150AP Datasheet HTML 4Page - Texas Instruments ISO150AP Datasheet HTML 5Page - Texas Instruments ISO150AP Datasheet HTML 6Page - Texas Instruments ISO150AP Datasheet HTML 7Page - Texas Instruments ISO150AP Datasheet HTML 8Page - Texas Instruments ISO150AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
PIN CONFIGURATION
28
27
26
17
16
15
1
2
3
12
13
14
D1A
R/T1A
VSA
GB
R/T1B
D1B
VSB
R/T2B
D2B
D2A
R/T2A
GA
Top View
SO
TERMINAL FUNCTIONS
ISO150
SBOS032D – SEPTEMBER 2000 – REVISED AUGUST 2008 .......................................................................................................................................... www.ti.com
TERMINAL
DESCRIPTION
NAME
NO.
D1A
1
Data in or data out for transceiver 1A, R/T1A held low makes D1A and input pin.
R/T1A
2
Receive/transmit switch controlling transceiver 1A.
VSA
3
+5V supply pin for side A, which powers transceivers 1A and 2A.
GB
12
Ground pin for transceivers 1B and 2B.
R/T1B
13
Receive/transmit switch controlling transceiver 1B.
D1B
14
Data in or data out for transceiver 1B. R/T1B held LOW makes D1B an input pin.
D2B
15
Data in or data out for transceiver 2B. R/T2B held LOW makes D2B an input pin.
R/T2B
16
Receive/transmit switch controlling D2B.
VSB
17
+5V supply pin for side B, which powers transceivers 1B and 2B.
GA
26
Ground pin for transceivers 1A and 2A.
R/T2A
27
Receive/transmit switch controlling transceiver 2A.
D2A
28
Data in or data out for transceiver 2A, R/T21A held low makes D2A an input pin.
4
Submit Documentation Feedback
Copyright © 2000–2008, Texas Instruments Incorporated
Product Folder Link(s): ISO150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com