Electronic Components Datasheet Search
  English  ▼

X  

ISO150AP Datasheet(PDF) 5 Page - Texas Instruments

Part # ISO150AP
Description  DUAL, ISOLATED, BIDIRECTIONAL DIGITAL COUPLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO150AP Datasheet(HTML) 5 Page - Texas Instruments

  ISO150AP Datasheet HTML 1Page - Texas Instruments ISO150AP Datasheet HTML 2Page - Texas Instruments ISO150AP Datasheet HTML 3Page - Texas Instruments ISO150AP Datasheet HTML 4Page - Texas Instruments ISO150AP Datasheet HTML 5Page - Texas Instruments ISO150AP Datasheet HTML 6Page - Texas Instruments ISO150AP Datasheet HTML 7Page - Texas Instruments ISO150AP Datasheet HTML 8Page - Texas Instruments ISO150AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TYPICAL CHARACTERISTICS
Frequency (Hz)
100k
1M
10M
100M
100
80
40
20
0
20
16
12
8
4
Receive
Transmit
No Load
One Channel
NOTE: Baud Rate = 2 S Frequency
0
60
5
4
3
2
1
12345
6
Supply Voltage, V S (V)
C L = 15pF
Receive Mode
Transmit Mode
0
f = 1MHz = 2MBaud
–60
6
5
4
3
2
1
–40
V S = 5.0V
V S = 3.0V
Temperature (5C)
–20
0
20
40
60
80
100
120
140
100
80
60
40
20
0
Capacitive Load (pF)
V S = 3.0V
V S = 5.0V
tr
tf
tf
t r
0
100
200
300
400
500
1.6
1.5
1.4
1.3
1.2
1.1
1.0
.9
C L = 50pF
Normalized to Average
of Many Devices
at 25
° C
+1
σ
–1
σ
Temperature (5C)
–60
–40
–20
0
20
40
60
80
100
120
140
45
40
35
30
25
20
Supply Voltage, V
S (V)
LOW to HIGH
HIGH to LOW
Pulse Width Distortion
2.5
3.0
3.5
4.0
4.5
5.0
5.5
ISO150
www.ti.com .......................................................................................................................................... SBOS032D – SEPTEMBER 2000 – REVISED AUGUST 2008
At TA = 25°C and VS = 5 V, unless otherwise noted.
SUPPLY CURRENT PER CHANNEL vs SUPPLY VOLTAGE
POWER CONSUMPTION PER CHANNEL vs FREQUENCY
Figure 1.
Figure 2.
TYPICAL RISE AND FALL TIMES vs CAPACITIVE LOAD vs
SUPPLY CURRENT PER CHANNEL vs TEMPERATURE
SUPPLY VOLTAGE
Figure 3.
Figure 4.
NORMALIZED RISE-AND-FALL TIME vs TEMPERATURE
PROPAGATION DELAY vs SUPPLY VOLTAGE
Figure 5.
Figure 6.
Copyright © 2000–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ISO150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com