Electronic Components Datasheet Search
  English  ▼

X  

DS1689 Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS1689
Description  3-Volt/5-Volt Serialized Real-Time Clock with NV RAM Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1689 Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS1689 Datasheet HTML 4Page - Dallas Semiconductor DS1689 Datasheet HTML 5Page - Dallas Semiconductor DS1689 Datasheet HTML 6Page - Dallas Semiconductor DS1689 Datasheet HTML 7Page - Dallas Semiconductor DS1689 Datasheet HTML 8Page - Dallas Semiconductor DS1689 Datasheet HTML 9Page - Dallas Semiconductor DS1689 Datasheet HTML 10Page - Dallas Semiconductor DS1689 Datasheet HTML 11Page - Dallas Semiconductor DS1689 Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
DS1689/DS1693
8 of 32
TIME, CALENDAR AND ALARM DATA MODES Table 1
RANGE
ADDRESS
LOCATION
FUNCTION
DECIMAL
RANGE
BINARY DATA
MODE
BCD DATA
MODE
00H
Seconds
0-59
00-3B
00-59
01H
Seconds Alarm
0-59
00-3B
00-59
02H
Minutes
0-59
00-3B
00-59
03H
Minutes Alarm
0-59
00-3B
00-59
Hours 12-hr Mode
1-12
01-0C AM, 81-8C PM
01-12 AM, 81-92 PM
04H
Hours 24-hr Mode
0-23
00-17
00-23
Hours Alarm 12-hr
Mode
1-12
01-0C AM, 81-8C PM
01-12 AM, 81-92 PM
05H
Hours Alarm 24-hr
Mode
0-23
00-17
00-23
06H
Day of Week
Sunday=1
1-7
01-07
01-07
07H
Date of Month
1-31
01-1F
01-31
08H
Month
1-12
01-0C
01-12
09H
Year
0-99
00-63
00-99
BANK1, 48H Century
0-99
00-63
00-99
BANK 1, 49H Date Alarm
1-31
01-1F
01-31
CONTROL REGISTERS
The four control registers; A, B, C, and D reside in both bank 0 and bank 1. These registers are accessible
at all times, even during the update cycle.
NONVOLATILE RAM - RTC
The 114 general-purpose nonvolatile RAM bytes are not dedicated to any special function within the
DS1689/DS1693. They can be used by the application program as nonvolatile memory and are fully
available during the update cycle. This memory is directly accessible when bank 0 is selected.
INTERRUPT CONTROL
The DS1689/DS1693 includes six separate, fully automatic sources of interrupt for a processor:
1. Alarm interrupt
2. Periodic interrupt
3. Update-ended interrupt
4. Wake-up interrupt
5. Kickstart interrupt
6. RAM clear interrupt
The conditions, which generate each of these independent interrupt conditions, are described in greater
detail elsewhere in this data sheet. This section describes the overall control of the interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com