Electronic Components Datasheet Search
  English  ▼

X  

DS1689 Datasheet(PDF) 22 Page - Dallas Semiconductor

Part # DS1689
Description  3-Volt/5-Volt Serialized Real-Time Clock with NV RAM Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1689 Datasheet(HTML) 22 Page - Dallas Semiconductor

Back Button DS1689 Datasheet HTML 18Page - Dallas Semiconductor DS1689 Datasheet HTML 19Page - Dallas Semiconductor DS1689 Datasheet HTML 20Page - Dallas Semiconductor DS1689 Datasheet HTML 21Page - Dallas Semiconductor DS1689 Datasheet HTML 22Page - Dallas Semiconductor DS1689 Datasheet HTML 23Page - Dallas Semiconductor DS1689 Datasheet HTML 24Page - Dallas Semiconductor DS1689 Datasheet HTML 25Page - Dallas Semiconductor DS1689 Datasheet HTML 26Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
DS1689/DS1693
22 of 32
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.3V to +7.0V
Storage Temperature
-40°C to +70°C
Soldering Temperature
260°C for 10 seconds (See Note 18)
See IPC/JEDEC Standard J-STD-020A for
surface mount devices
*This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
OPERATING RANGE
Range
Temperature
VCC
Commercial
0°C to +70°C
3V
± 10% or 5V ± 10%
Industrial
-40ºC to 85ºC
3V
± 10% or 5V ± 10%
RECOMMENDED DC OPERATING CONDITIONS
Over the operating range
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
Power Supply Voltage 5-Volt Operation
VCCI
4.5
5.0
5.5
V
1
Power Supply Voltage 3-Volt Operation
VCCI
2.7
3.0
4.0
V
1
Input Logic 1
VIH
2.2
VCC+0.3
V
1
Input Logic 0
VIL
-0.3
0.6
V
1
Battery Voltage
VBAT
2.5
3.7
V
1
Auxiliary Battery Voltage
VBAUX
2.5
3.7
V
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com