Electronic Components Datasheet Search
  English  ▼

X  

DS1689 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1689
Description  3-Volt/5-Volt Serialized Real-Time Clock with NV RAM Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1689 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1689 Datasheet HTML 1Page - Dallas Semiconductor DS1689 Datasheet HTML 2Page - Dallas Semiconductor DS1689 Datasheet HTML 3Page - Dallas Semiconductor DS1689 Datasheet HTML 4Page - Dallas Semiconductor DS1689 Datasheet HTML 5Page - Dallas Semiconductor DS1689 Datasheet HTML 6Page - Dallas Semiconductor DS1689 Datasheet HTML 7Page - Dallas Semiconductor DS1689 Datasheet HTML 8Page - Dallas Semiconductor DS1689 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1 of 32
092800
FEATURES
Incorporates industry standard DS1287 PC clock
plus enhanced features:
§ +3- or +5V operation
§ 64-bit silicon serial number
§ 64-bit customer specific ROM or additional
serial number available
§ Power control circuitry supports system
power-on from date/time alarm or key closure
§ Automatic battery backup and write
protection to external SRAM
§ Crystal select bit allows RTC to operate with
6 pF or 12.5 pF crystal
§ 114 bytes user NV RAM
§ Auxiliary battery input
§ RAM clear input
§ Century register
§ 32 kHz output for power management
§ 32-bit VCC powered elapsed time counter
§ 32-bit VBAT powered elapsed time counter
§ 16-bit power cycle counter
§ Compatible with existing BIOS for original
DS1287 functions
§ Available as IC (DS1689) or standalone
module with embedded battery and crystal
(DS1693)
§ IC is available in industrial temperature
version
§ Timekeeping algorithm includes leap year
compensation valid up to 2100
ORDERING INFORMATION
PART #
DESCRIPTION
DS1689S
RTC IC, 28-pin SOIC
DS1689SN
RTC IC, 28-pin SOIC IND
DS1693
RTC Module; 28-pin DIP
PIN ASSIGNMENT
PIN DESCRIPTION
X1
- Crystal Input
X2
- Crystal Output
RCLR
- RAM Clear Input
AD0-AD7
- Mux’ed Address/Data Bus
PWR
- Power-on Interrupt Output
(Open drain)
KS
- Kickstart Input
CS
- RTC Chip Select Input
ALE
- RTC Address Strobe
WR
- RTC Write Data Strobe
RD
- RTC Read Data Strobe
VCCO
- RAM Power Supply Output
IRQ
- Interrupt Request Output
(Open drain)
SQW
- Square Wave Output
VCCI
- +3- or +5V Main Supply
GND
- Ground
VBAT
- Battery + Supply
VBAUX
- Auxiliary Battery Supply
PSEL
- +3- or +5V Power Select
CEI
- RAM Chip Enable In
CEO
- RAM Chip Enable Out
DS1689/DS1693
3-Volt/5-Volt Serialized Real-Time Clock
with NV RAM Control
www.maxim-ic.com
VBAUX
DS1689S 28-Pin SOIC
(330-mil)
13
27
1
2
3
4
5
6
7
8
9
10
11
12
14
28
26
25
24
23
22
21
20
19
18
17
15
16
CEI
VCCO
SQW
VBAT
IRQ
PSEL
RD
GND
WR
ALE
KS
CS
CEO
VCCI
X2
AD0
AD2
AD3
AD4
AD5
AD6
AD7
GND
PWR
X1
RCLR
AD1
GND
DS1693 28-Pin Encapsulated Package
(740-mil)
13
27
NC
AD0
AD2
AD3
AD4
AD5
AD6
AD7
GND
PWR
CEI
VCCO
SQW
NC
IRQ
PSEL
RD
NC
WR
ALE
KS
CS
1
2
3
4
5
6
7
8
9
10
11
12
14
28
26
25
24
23
22
21
20
19
18
17
15
16
NC
RCLR
AD1
VBAUX
CEO
VCCI


Similar Part No. - DS1689

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1689 DALLAS-DS1689 Datasheet
593Kb / 36P
3V/5V Serialized Real-Time Clocks with NV RAM Control
logo
Maxim Integrated Produc...
DS1689 MAXIM-DS1689 Datasheet
599Kb / 36P
3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112105
logo
Dallas Semiconductor
DS1689S DALLAS-DS1689S Datasheet
593Kb / 36P
3V/5V Serialized Real-Time Clocks with NV RAM Control
logo
Maxim Integrated Produc...
DS1689S MAXIM-DS1689S Datasheet
599Kb / 36P
3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112105
logo
Dallas Semiconductor
DS1689S+ DALLAS-DS1689S+ Datasheet
593Kb / 36P
3V/5V Serialized Real-Time Clocks with NV RAM Control
More results

Similar Description - DS1689

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP5C01A RICOH-RP5C01A Datasheet
124Kb / 10P
REAL-TIME CLOCK WITH INTERNAL RAM
logo
Dallas Semiconductor
DS1688 DALLAS-DS1688 Datasheet
46Kb / 5P
3 Volt/5 Volt Serialized Real Time Clock with NV RAM Control
DS14285 DALLAS-DS14285 Datasheet
303Kb / 25P
Real Time Clock with NV RAM Control
DS1558 DALLAS-DS1558 Datasheet
492Kb / 18P
Watchdog Clock with NV RAM Control
logo
Maxim Integrated Produc...
DS1558 MAXIM-DS1558 Datasheet
320Kb / 18P
Watchdog Clock with NV RAM Control
REV: 071305
logo
Dallas Semiconductor
DS1688 DALLAS-DS1688_05 Datasheet
395Kb / 6P
3V/5V Serialized Real-Time Clocks with NV RAM Control
DS1689 DALLAS-DS1689_05 Datasheet
593Kb / 36P
3V/5V Serialized Real-Time Clocks with NV RAM Control
DS14285 DALLAS-DS14285_05 Datasheet
481Kb / 26P
Real-Time Clock with NV RAM
logo
Maxim Integrated Produc...
DS1688 MAXIM-DS1688 Datasheet
99Kb / 3P
3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112205
DS1689 MAXIM-DS1689 Datasheet
599Kb / 36P
3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112105
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com