Electronic Components Datasheet Search
  English  ▼

X  

DS1689 Datasheet(PDF) 30 Page - Dallas Semiconductor

Part # DS1689
Description  3-Volt/5-Volt Serialized Real-Time Clock with NV RAM Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1689 Datasheet(HTML) 30 Page - Dallas Semiconductor

Back Button DS1689 Datasheet HTML 24Page - Dallas Semiconductor DS1689 Datasheet HTML 25Page - Dallas Semiconductor DS1689 Datasheet HTML 26Page - Dallas Semiconductor DS1689 Datasheet HTML 27Page - Dallas Semiconductor DS1689 Datasheet HTML 28Page - Dallas Semiconductor DS1689 Datasheet HTML 29Page - Dallas Semiconductor DS1689 Datasheet HTML 30Page - Dallas Semiconductor DS1689 Datasheet HTML 31Page - Dallas Semiconductor DS1689 Datasheet HTML 32Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
DS1689/DS1693
30 of 32
NOTES:
1. All voltages are referenced to ground.
2. Typical values are at 25
°C and nominal supplies.
3. Outputs are open.
4. Value for voltage and currents is from the VCCI input pin to the VCCO pin.
5. Write protection trip point occurs during power fail prior to switchover from VCC to VBAT.
6. Value for voltage and currents is from the VBAT input pin to the VCCO pin.
7. Applies to the AD0-AD7 pins, and the SQW pin when each is in a high impedance state.
8. The IRQ pin is open drain.
9. Measured with a load of 50 pF + 1 TTL gate.
10. Wakeup kickstart timeout generated only when the oscillator is enabled and the countdown chain is
not reset.
11. VSW is determined by the larger of VBAT and VBAUX.
12. ZCE is an average input to output impedance as the input is swept from GND to VCCI and less than
4 mA is forced through ZCE.
13. The DS1693 will keep time to an accuracy of
±1 minute per month during data retention time for the
period of tDR.
14. tDR is the amount of time that the internal battery can power the internal oscillator and internal
registers of the DS1693. As such, tDR is specified with VCCO floating. If VCCO is powering an external
SRAM, an auxiliary battery must be connected to the VBAUX pin. The auxiliary battery should be sized
such that it can power the external SRAM for the tDR period.
15. The CEI pin has an internal pull-up of 60 kW.
16. The PSEL pin has an internal pull-down of 60 k
W.
17. For industrial grade parts, IBAT (with OSC off) limit increases to 250 nA.
18. Real-Time Clock Modules can be successfully processed through conventional wave-soldering
techniques as long as temperature exposure to the lithium energy source contained within does not
exceed +85
°C. Post-solder cleaning with water washing techniques is acceptable, provided that
ultrasonic vibration is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com