Electronic Components Datasheet Search
  English  ▼

X  

DS1689 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1689
Description  3-Volt/5-Volt Serialized Real-Time Clock with NV RAM Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1689 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1689 Datasheet HTML 1Page - Dallas Semiconductor DS1689 Datasheet HTML 2Page - Dallas Semiconductor DS1689 Datasheet HTML 3Page - Dallas Semiconductor DS1689 Datasheet HTML 4Page - Dallas Semiconductor DS1689 Datasheet HTML 5Page - Dallas Semiconductor DS1689 Datasheet HTML 6Page - Dallas Semiconductor DS1689 Datasheet HTML 7Page - Dallas Semiconductor DS1689 Datasheet HTML 8Page - Dallas Semiconductor DS1689 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
DS1689/DS1693
3 of 32
VCCO (External SRAM Power Supply Output) - This pin will be internally connected to VCCI when
VCCI is within nominal limits. However, during power fail, VCCO will be internally connected to the VBAT
or VBAUX (whichever is larger). For 5-volt operation, switch over from VCCI to the backup supply occurs
when VCCI drops below the larger of VBAT and VBAUX. For 3-volt operation, switch over from VCCI to the
backup supply occurs at VPF if VPF is less than VBAT and VBAUX. If VPF is greater than VBAT and VBAUX,
the switch from VCCI to the backup supply occurs when VCCI drops below the larger of VBAT and VBAUX.
DS1689/DS1693 BLOCK DIAGRAM Figure 1
SQW (Square Wave Output) - The SQW pin can output a signal from one of 13 taps provided by the 15
internal divider stages of the real time clock. The frequency of the SQW pin can be changed by
programming Register A as shown in Table 2. The SQW signal can be turned on and off using the SQWE
bit in Register B. A 32 kHz SQW signal is output when SQWE=1, the Enable 32 kHz (E32K) bit in
extended register 04BH is a logic 1, and VCC is above VPF. A 32 kHz square wave is also available when
VCC is less than VPF if E32K=1, ABE=1, and voltage is applied to VBAUX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com