Electronic Components Datasheet Search
  English  ▼

X  

DS1501WN Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1501WN
Description  Y2K-Compliant Watchdog Real-Time Clocks
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1501WN Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS1501WN Datasheet HTML 2Page - Dallas Semiconductor DS1501WN Datasheet HTML 3Page - Dallas Semiconductor DS1501WN Datasheet HTML 4Page - Dallas Semiconductor DS1501WN Datasheet HTML 5Page - Dallas Semiconductor DS1501WN Datasheet HTML 6Page - Dallas Semiconductor DS1501WN Datasheet HTML 7Page - Dallas Semiconductor DS1501WN Datasheet HTML 8Page - Dallas Semiconductor DS1501WN Datasheet HTML 9Page - Dallas Semiconductor DS1501WN Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
DS1501/DS1511 Y2KC Watchdog Real-Time Clocks
6 of 20
Figure 4. Burst Mode Timing Waveform
A0 –A 4
D Q 0–D Q 7
O E , WE , OR CE
13h
PW HIGH
PW LOW
POWER-UP/DOWN CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CE or WE at VIH Before Power-Fail
tPF
0
ms
VCC Fall Time: VPF(MAX) to VPF(MIN)
tF
300
ms
VCC Fall Time: VPF(MIN) to VSO
tFB
10
ms
VCC Rise Time: VPF(MIN) to VPF(MAX)
tR
0
ms
VPF to RST High
tREC
35
200
ms
(TA = +25°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Expected Data-Retention Time
(Oscillator On)
tDR
(Note 9)
10
Years
CAPACITANCE
(TA = +25°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Capacitance on All Input Pins
CIN
10
pF
Capacitance on
IRQ, PWR, RST, and DQ
Pins
CIO
10
pF
AC TEST CONDITIONS
OUTPUT LOAD
INPUT PULSE
LEVELS
TIMING MEASUREMENT
REFERENCE LEVELS
INPUT PULSE RISE
AND FALL TIMES
(Y) 50pF + 1TTL Gate
Input: 1.5V
(W) 25pF + 1 TTL Gate
0V to 3.0V for 5V
operation
Output: 1.5V
5ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com