Electronic Components Datasheet Search
  English  ▼

X  

DS1501WN Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS1501WN
Description  Y2K-Compliant Watchdog Real-Time Clocks
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1501WN Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS1501WN Datasheet HTML 4Page - Dallas Semiconductor DS1501WN Datasheet HTML 5Page - Dallas Semiconductor DS1501WN Datasheet HTML 6Page - Dallas Semiconductor DS1501WN Datasheet HTML 7Page - Dallas Semiconductor DS1501WN Datasheet HTML 8Page - Dallas Semiconductor DS1501WN Datasheet HTML 9Page - Dallas Semiconductor DS1501WN Datasheet HTML 10Page - Dallas Semiconductor DS1501WN Datasheet HTML 11Page - Dallas Semiconductor DS1501WN Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
DS1501/DS1511 Y2KC Watchdog Real-Time Clocks
8 of 20
WAKEUP/KICKSTART TIMING
(TA = +25°C) (Figure 7)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Kickstart-Input Pulse Width
tKSPW
2
ms
Wakeup/Kickstart Power-On Timeout
tPOTO
(Note 10)
2
s
Note: Time intervals shown above are referenced in Wakeup/Kickstart.
Figure 7. Wakeup/Kickstart Timing Diagram
tKSPW
tPO T O
V CC
C O N D IT IO N :
VPF
V BAT
<
VPF
V BAT
0V
V BA T
VPF
0V
V CC
C O N D IT IO N :
V BAT
VPF >
T D F /KSF
(IN T E R N A L)
V IL
VIH
HI-Z
____
IR Q
V IL
VIH
HI-Z
____
PW R
VIH
V IL
___
KS
1
2
3
4
5
IN T E R V A L S
Note 1: Limits at -40°C are not production tested and are guaranteed by design.
Note 2: RTC modules can be successfully processed through conventional wave-soldering techniques as long as temperature exposure to the
lithium energy source contained within does not exceed +85°C. Post-sold cleaning with water-washing techniques is acceptable,
provided that ultrasonic vibration is not used to prevent damage to the crystal.
Note 3: Voltage referenced to ground.
Note 4: Outputs are open.
Note 5: The
IRQ, PWR, and RST outputs are open drain.
Note 6: If VPF is less than VBAT and VBAUX, the device power is switched from VCC to the greater of VBAT or VBAUX when VCC drops below VPF. If VPF
is greater than VBAT and VBAUX, the device power is switched from VCC to the greater of VBAT or VBAUX when VCC drops below the greater
of VBAT or VBAUX.
Note 7: VBAT or VBAUX current. Using a 32,768Hz crystal connected to X1 and X2.
Note 8: These parameters are sampled with a 5pF load and are not 100% tested.
Note 9: tDR is the amount of time that the internal battery can power the internal oscillator and internal registers of the DS1511.
Note 10: If the oscillator is not enabled, the startup time of the oscillator after VCC1 is applied will be added to the wakeup/kickstart timeout.
Note 11: Typical values are at +25°C, nominal (active) supply, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com