Electronic Components Datasheet Search
  English  ▼

X  

DS1501WN Datasheet(PDF) 17 Page - Dallas Semiconductor

Part # DS1501WN
Description  Y2K-Compliant Watchdog Real-Time Clocks
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1501WN Datasheet(HTML) 17 Page - Dallas Semiconductor

Back Button DS1501WN Datasheet HTML 12Page - Dallas Semiconductor DS1501WN Datasheet HTML 13Page - Dallas Semiconductor DS1501WN Datasheet HTML 14Page - Dallas Semiconductor DS1501WN Datasheet HTML 15Page - Dallas Semiconductor DS1501WN Datasheet HTML 16Page - Dallas Semiconductor DS1501WN Datasheet HTML 17Page - Dallas Semiconductor DS1501WN Datasheet HTML 18Page - Dallas Semiconductor DS1501WN Datasheet HTML 19Page - Dallas Semiconductor DS1501WN Datasheet HTML 20Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
DS1501/DS1511 Y2K Watchdog Real-Time Clock
17 of 20
regardless of the state of the watchdog enable (WDE) bit, to serve as an indication to the processor that a
watchdog timeout has occurred. The watchdog timer operates in two modes, repetitive and single-shot.
If WDE is 1 and the watchdog steering bit (WDS) is 0, the watchdog is in repetitive mode. When the watchdog
times out, both WDF and IRQF are set.
IRQ goes active and IRQF goes to 1. The watchdog timer is reloaded when
the processor performs a write of the watchdog registers and the timeout period restarts. Reading control A register
clears the
IRQ flag.
If WDE and WDS are 1, the watchdog is in single-shot mode. When the watchdog times out,
RST goes active for a
period of 40ms to 200ms. When
RST goes inactive, WDE resets to 0. Writing a value of 00h to both watchdog
registers disables the watchdog timer. The watchdog function is automatically disabled upon power-up by the
power-on reset setting WDE = 0 and WDS = 0. The watchdog registers are not initialized at power-up and should
be initialized by the user.
Note: The TE bit must be used to disable transfers when writing to the watchdog registers.
The following summarizes the configurations in which the watchdog can be used:
WDE = 0 and WDS = 0: WDF is set.
WDE = 0 and WDS = 1: WDF is set.
WDE = 1 and WDS = 0: WDF and IRQF are set, and the
IRQ pin is pulled low.
WDE = 1 and WDS = 1: WDF is set, the
RST pin pulses low, and WDE resets to 0.
WAKEUP/KICKSTART
The DS1501/DS1511 incorporate a wakeup feature, which powers on at a predetermined day/date and time by
activating the
PWR output pin. Additionally, the kickstart feature allows the system to be powered up in response to
a low-going transition on the
KS pin, without operating voltage applied to the VCC pin. As a result, system power
can be applied upon such events as key closure or a modem-ring-detect signal. To use either the wakeup or the
kickstart features, the DS1501DS1511 must have an auxiliary battery connected to the VBAUX pin, and the oscillator
must be running.
The wakeup feature is controlled through the time-of-day/date power-enable bit (TPE). Setting TPE to 1 enables
the wakeup feature. Transfers (TE) must be enabled for a wake up event to occur. Writing TPE to 0 disables the
wakeup feature. The kickstart feature is always enabled as long as VBAUX is present.
If the wakeup feature is enabled, while the system is powered down (no VCC voltage), the clock/calendar monitors
the current day or date for a match condition with day/date alarm register (0Bh). With the day/date alarm register,
the hours, minutes, and seconds alarm bytes in the clock/calendar register map (02h, 01h, and 00h) are also
monitored. As a result, a wakeup occurs at the day or date and time specified by the day/date, hours, minutes, and
seconds alarm register values. This additional alarm occurs regardless of the programming of the TIE bit. When the
match condition occurs, the
PWR pin is automatically driven low. This output can turn on the main system power
supply that provides VCC voltage to the DS1501/DS1511, as well as the other major components in the system.
Also at this time, the time-of-day/date alarm flag is set (TDF), indicating a wakeup condition has occurred.
If VBAUX is present, while VCC is low, the KS input pin is monitored for a low-going transition of minimum pulse width
tKSPW. When such a transition is detected, the PWR line is pulled low, as it is for a wakeup condition. Also at this
time, KSF is set, indicating that a kickstart condition has occurred. The
KS input pin is always enabled and must not
be allowed to float.
The timing associated with the wakeup and kickstarting sequences is illustrated in Figure 7. These functions are
divided into five intervals, labeled 1 to 5 on the diagram.
The occurrence of either a kickstart or wakeup condition causes the
PWR pin to be driven low, as described above.
During Interval 1, if the supply voltage on the VCC pin rises above VSO before the power-on timeout period (tPOTO)
expires, then
PWR remains at the active-low level. If VCC does not rise above the VSO in this time, then the PWR
output pin is turned off and returns to its high-impedance level. In this event, the
IRQ pin also remains tri-stated.
The interrupt flag bit (either TDF or KSF) associated with the attempted power-on sequence remains set until
cleared by software during a subsequent system power-on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com