Electronic Components Datasheet Search
  English  ▼

X  

DS1501WN Datasheet(PDF) 16 Page - Dallas Semiconductor

Part # DS1501WN
Description  Y2K-Compliant Watchdog Real-Time Clocks
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1501WN Datasheet(HTML) 16 Page - Dallas Semiconductor

Back Button DS1501WN Datasheet HTML 12Page - Dallas Semiconductor DS1501WN Datasheet HTML 13Page - Dallas Semiconductor DS1501WN Datasheet HTML 14Page - Dallas Semiconductor DS1501WN Datasheet HTML 15Page - Dallas Semiconductor DS1501WN Datasheet HTML 16Page - Dallas Semiconductor DS1501WN Datasheet HTML 17Page - Dallas Semiconductor DS1501WN Datasheet HTML 18Page - Dallas Semiconductor DS1501WN Datasheet HTML 19Page - Dallas Semiconductor DS1501WN Datasheet HTML 20Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
DS1501/DS1511 Y2K Watchdog Real-Time Clock
16 of 20
Control B Register (0Fh)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TE
CS
BME
TPE
TIE
KIE
WDE
WDS
TE, Transfer Enable Bit (0Fh Bit 7)
When the TE bit is 1, the update transfer functions normally by advancing the counts once per second. When the
TE bit is written to 0, any update transfer is inhibited and the program can initialize the time and calendar bytes
without an update occurring in the midst of initializing. Read cycles can be executed in a similar manner. TE is a
read/write bit that is not modified by internal functions of the DS1501/DS1511.
CS, Crystal Select Bit (0Fh Bit 6)
When CS is set to 0, the oscillator is configured for operation with a crystal that has a 6pF specified load
capacitance. When CS = 1, the oscillator is configured for a 12.5pF crystal. CS is disabled in the DS1511 module
and should be set to CS = 0.
BME, Burst-Mode Enable Bit (0Fh Bit 5)
The burst-mode enable bit allows the extended user RAM address registers to automatically increment for
consecutive reads and writes. When BME is set to 1, the automatic incrementing is enabled; when BME is set to 0,
the automatic incrementing is disabled.
TPE, Time-of-Day/Date Alarm Power-Enable Bit (0Fh Bit 4)
The wakeup feature is controlled through the TPE bit. When the TDF flag bit is set to 1, if TPE is 1, the
PWR pin is
driven active. Therefore, setting TPE to 1 enables the wakeup feature. Writing a 0 to TPE disables the wakeup
feature.
TIE, Time-of-Day/Date Alarm Interrupt-Enable Bit (0Fh Bit 3)
The TIE bit allows the TDF flag to assert an interrupt. When the TDF flag bit is set to 1, if TIE is 1, the IRQF flag bit
is set to 1. Writing a 0 to the TIE bit prevents the TDF flag from setting the IRQF flag. This bit is automatically
cleared to logic 0 by the internal power-on reset when power is applied and VCC rises above the power-fail voltage.
KIE, Kickstart Enable-Interrupt Bit (0Fh Bit 2)
The KIE bit allows the KSF flag to assert an interrupt. When the KSF flag bit is set to 1, if KIE is a 1, the IRQF flag
bit is set to 1. Writing a 0 to the KIE bit prevents the KSF flag from setting the IRQF flag. This bit is automatically
cleared to logic 0 by the internal power-on reset when power is applied and VCC rises above the power-fail voltage.
WDE, Watchdog Enable Bit (0Fh Bit 1)
When WDE is set to 1, the watchdog function is enabled, and either the
IRQ or RST pin is pulled active, based on
the state of the WDS and WDF bits. This bit is automatically cleared to logic 0 to by the internal power-on reset
when power is applied and VCC rises above the power-fail voltage.
WDS, Watchdog Steering Bit (0Fh Bit 0)
If WDS is 0 when the watchdog flag bit WDF is set to 1, the
IRQ pin is pulled low. If WDS is 1 when WDF is set to
1, the watchdog outputs a negative pulse on the
RST output. The WDE bit resets to 0 immediately after RST goes
active. This bit is automatically cleared to logic 0 to by the internal power-on reset when power is applied and VCC
rises above the power-fail voltage.
CLOCK OSCILLATOR CONTROL
The clock oscillator can be stopped at any time. To increase the shelf life of a backup lithium-battery source, the
oscillator can be turned off to minimize current drain from the battery. The
EOSC bit is used to control the state of
the oscillator, and must be set to 0 for the oscillator to function.
USING THE WATCHDOG TIMER
The watchdog timer can be used to restart an out-of-control processor. The watchdog timer is user programmable
in 10ms intervals ranging from 0.01 seconds to 99.99 seconds. The user programs the watchdog timer by writing
the timeout value into the two BCD watchdog registers (0Ch and 0Dh). The watchdog reloads and restarts
whenever the watchdog times out. If either watchdog register is nonzero, a timeout sets the WDF bit to 1,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com