| Electronic Components Datasheet Search |
|
DS1501WN Datasheet(PDF) 11 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS1501WN Datasheet(HTML) 11 Page - Dallas Semiconductor |
|
11 / 20 page ![]() DS1501/DS1511 Y2KC Watchdog Real-Time Clocks 11 of 20 DETAILED DESCRIPTION The RTC registers are double buffered into an internal and external set. The user has direct access to the external set. Clock/calendar updates to the external set of registers can be disabled and enabled to allow the user to access static data. When the crystal oscillator is turned on, the internal set of registers are continuously updated; this occurs regardless of external register settings to guarantee that accurate RTC information is always maintained. The DS1501/DS1511 contain their own power-fail circuitry that automatically deselects the device when the VCC supply falls below a power-fail trip point. This feature provides a high degree of data security during unpredictable system operation caused by low VCC levels. The DS1501/DS1511 have interrupt ( IRQ), power control (PWR), and reset (RST) outputs that can be used to control CPU activity. The IRQ interrupt or RST outputs can be invoked as the result of a time-of-day alarm, CPU watchdog alarm, or a kickstart signal. The DS1501/DS1511 power-control circuitry allow the system to be powered on by an external stimulus, such as a keyboard or by a time and date (wakeup) alarm. The PWR output pin can be triggered by one or either of these events, and can be used to turn on an external power supply. The PWR pin is under software control, so that when a task is complete, the system power can then be shut down. The DS1501/DS1511 power-on reset can be used to detect a system power-down or failure and hold the CPU in a safe reset state until normal power returns and stabilizes; the RST output is used for this function. The DS1501/DS1511 are clock/calendar chips with the features described above. An external crystal and battery are the only components required to maintain time-of-day and memory status in the absence of power. Table 1. RTC Operating Modes VCC CE OE WE DQ0–DQ7 A0–A4 MODE POWER V IH X X High-Z X Deselect Standby V IL X V IL D IN A IN Write Active V IL V IL V IH D OUT A IN Read Active In tolerance V IL V IH V IH High-Z A IN Read Active VSO < VCC < VPF X X X High-Z X Deselect CMOS Standby VCC < VSO < VPF X X X High-Z X Data Retention Battery Current DATA READ MODE The DS1501/DS1511 are in read mode whenever CE (chip enable) and OE (output enable) are low and WE (write enable) is high. The device architecture allows ripple-through access to any valid address location. Valid data is available at the DQ pins within t AA (address access) after the last address input is stable, provided that CE and OE access times are satisfied. If CE or OE access times are not met, valid data is available at the latter of chip-enable access (t CSA) or at output-enable access time (tOEA). The state of the data input/output pins (DQ) is controlled by CE and OE. If the outputs are activated before t AA, the data lines are driven to an intermediate state until tAA. If the address inputs are changed while CE and OE remain valid, output data remains valid for output-data hold time (t OH) but then goes indeterminate until the next address access (Table 1). DATA WRITE MODE The DS1501/DS1511 are in write mode whenever CE and WE are in their active state. The start of a write is referenced to the latter occurring transition of CE or WE. The addresses must be held valid throughout the cycle. CE or WE must return inactive for a minimum of t WR prior to the initiation of a subsequent read or write cycle. Data in must be valid t DS prior to the end of the write and remain valid for tDH afterward. In a typical application, the OE signal is high during a write cycle. However, OE can be active provided that care is taken with the data bus to avoid bus contention. If OE is low prior to a high-to-low transition on WE, the data bus can become active with read data defined by the address inputs. A low transition on WE then disables the outputs t WEZ after WE goes active (Table 1). |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |