Electronic Components Datasheet Search
  English  ▼

X  

IFX20002 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IFX20002
Description  Low Dropout Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IFX20002 Datasheet(HTML) 4 Page - Infineon Technologies AG

  IFX20002 Datasheet HTML 1Page - Infineon Technologies AG IFX20002 Datasheet HTML 2Page - Infineon Technologies AG IFX20002 Datasheet HTML 3Page - Infineon Technologies AG IFX20002 Datasheet HTML 4Page - Infineon Technologies AG IFX20002 Datasheet HTML 5Page - Infineon Technologies AG IFX20002 Datasheet HTML 6Page - Infineon Technologies AG IFX20002 Datasheet HTML 7Page - Infineon Technologies AG IFX20002 Datasheet HTML 8Page - Infineon Technologies AG IFX20002 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Data Sheet
4
Rev. 1.0, 2013-01-12
IFX20002
Pin Configuration
3
Pin Configuration
3.1
Pin Assignment
Figure 2
Pin Configuration (top view)
3.2
Pin Definitions and Functions
Pin
Symbol
Function
1INH
Inhibit Input: high level to turn on the IC
2GND
Ground: connected to pin 5
3I
Input Voltage
4Q
Output voltage: must be blocked with a ceramic capacitor
C
Q ≥ 3.3 µF, ESR ≤ 2 Ω
5GND
Ground: Connected to pin 2
AEP02253
2
3
1
4
5
INH
GND
Ι
GND
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com