Electronic Components Datasheet Search
  English  ▼

X  

IFX20002 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IFX20002
Description  Low Dropout Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IFX20002 Datasheet(HTML) 2 Page - Infineon Technologies AG

  IFX20002 Datasheet HTML 1Page - Infineon Technologies AG IFX20002 Datasheet HTML 2Page - Infineon Technologies AG IFX20002 Datasheet HTML 3Page - Infineon Technologies AG IFX20002 Datasheet HTML 4Page - Infineon Technologies AG IFX20002 Datasheet HTML 5Page - Infineon Technologies AG IFX20002 Datasheet HTML 6Page - Infineon Technologies AG IFX20002 Datasheet HTML 7Page - Infineon Technologies AG IFX20002 Datasheet HTML 8Page - Infineon Technologies AG IFX20002 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Type
Package
Marking
IFX20002MBV33
PG-SCT595-5
E3
IFX20002MBV50
PG-SCT595-5
E5
PG-SCT595-5
Data Sheet
2
Rev. 1.0, 2013-01-12
Low Dropout Voltage Regulator
IFX20002
1Overview
Features
•
Two versions: 3.3 V, 5.0 V
•
Low drop voltage
≤ 300 mV over the full temperature range
•
Output current: 30 mA
•
Inhibit input
•
Low quiescent current
•
Stable with ceramic output capacitor
•
Input voltage up to 45 V
•
Wide temperature range:
T
j = -40 °C to +125 °C
•
Output protected against short circuit
•
Over temperature protection
•
Reverse polarity protection
•
Very small and thermally enhanced SMD-Package PG-SCT595-5
•
Green Product (RoHS compliant)
Applications
•
Manufacturing Automation
•
Appliances
•
Network Routers
The IFX20002 is not qualified and manufactured according to the requirements of Infineon Technologies with
regards to automotive and/or transportation applications. For automotive applications please refer to the Infineon
TLx (TLE, TLS, TLF.....) voltage regulator products.
Description
The IFX20002 is a monolithic integrated low drop voltage regulator in a very small SMD package PG-SCT595-5.
It is designed to supply e.g. micro controller, sensors, etc or may serve as standby supply under severe conditions.
Therefore the device is equipped with additional protection functions against overload, short circuit and reverse
polarity. At over temperature the regulator is automatically turned off by the integrated thermal protection circuit.
Input voltages up to 40 V are regulated to
V
Q,nom = 3.3 V (V33 version) or 5.0 V (V50 version). The output is able
to drive a load of 30 mA while it regulates the output voltage within a 4% accuracy. To save energy the device can
be switched in stand-by mode via an inhibit input which causes the current consumption to drop below 5
μA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com