Electronic Components Datasheet Search
  English  ▼

X  

IFX20002 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IFX20002
Description  Low Dropout Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IFX20002 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IFX20002 Datasheet HTML 2Page - Infineon Technologies AG IFX20002 Datasheet HTML 3Page - Infineon Technologies AG IFX20002 Datasheet HTML 4Page - Infineon Technologies AG IFX20002 Datasheet HTML 5Page - Infineon Technologies AG IFX20002 Datasheet HTML 6Page - Infineon Technologies AG IFX20002 Datasheet HTML 7Page - Infineon Technologies AG IFX20002 Datasheet HTML 8Page - Infineon Technologies AG IFX20002 Datasheet HTML 9Page - Infineon Technologies AG IFX20002 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Data Sheet
6
Rev. 1.0, 2013-01-12
IFX20002
General Product Characteristics
4.2
Functional Range
Note: Within the functional or operating range, the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the Electrical Characteristics table.
4.3
Thermal Resistance
Note: This thermal data was generated in accordance with JEDEC JESD51 standards. For more information, go
to www.jedec.org.
Functional Range
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
4.2.1
Input Voltage
V
I
4.0
45
V
IFX20002MBV33
4.2.2
5.5
45
V
IFX20002MBV50
4.2.3
Inhibit Voltage
V
INH
-0.3
40
V
–
4.2.4
Junction Temperature
T
j
-40
125
°C–
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
4.3.5
Junction to Ambient
R
thJA
–
81
–
K/W
2s2p board1)
1) Specified
R
thJA value is according to JESD51-2,-5,-7 at natural convection on FR4 2s2p board; The product
(chip+package) was simulated on a 76.2 x 114.3 x 1.5 mm board with 2 inner copper layers (2 x 70µm Cu, 2 x 35µm Cu).
Where applicable a thermal via array under the package contacted the first inner copper layer.
4.3.1
–
217
–
K/W
Footprint only2)
2) Package mounted on PCB FR4; 80 x 80 x 1.5 mm; 35 µm Cu, 5 µm Sn; horizontal position; zero airflow.
Not subject to production test; specified by design.
4.3.2
–
117
–
K/W
300 mm2 PCB
heatsink area2)
4.3.3
–
103
–
K/W
600 mm2 PCB
heatsink area2)
4.3.4
Junction to Soldering Point
R
thJSP
–
30
–
K/W
Pins 2, 5 fixed to
T
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com