Electronic Components Datasheet Search
  English  ▼

X  

IFX20002 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # IFX20002
Description  Low Dropout Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IFX20002 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button IFX20002 Datasheet HTML 4Page - Infineon Technologies AG IFX20002 Datasheet HTML 5Page - Infineon Technologies AG IFX20002 Datasheet HTML 6Page - Infineon Technologies AG IFX20002 Datasheet HTML 7Page - Infineon Technologies AG IFX20002 Datasheet HTML 8Page - Infineon Technologies AG IFX20002 Datasheet HTML 9Page - Infineon Technologies AG IFX20002 Datasheet HTML 10Page - Infineon Technologies AG IFX20002 Datasheet HTML 11Page - Infineon Technologies AG IFX20002 Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
IFX20002
Application Information
Data Sheet
9
Rev. 1.0, 2013-01-12
6
Application Information
Note: The following information is given as a hint for the implementation of the device only and shall not be
regarded as a description or warranty of a certain functionality, condition or quality of the device.
Figure 3
Application Diagram
The output voltage of the IFX20002 is divided and compared to an internal reference of 2.5 V typical. A regulation
loop controls the output to achieve a stabilized output voltage.
Figure 3 shows a typical application circuit. In order to maintain the stability of the control loop the IFX20002
output requires an output capacitor
C
Q of at least 3.3 μF with a maximum permissible ESR of 2 Ω. It is
recommended to use a multi layer ceramic capacitor for
C
Q, e.g. the TDK C3216X7R1C475M with a nominal
capacitance of 4.7
μF. Aluminum electrolytic as well as tantalum capacitors do not cover the required ESR range
over the full operating temperature range of
T
j = -40 °C to +125 °C.
At the input of the regulator an input capacitor is necessary for compensating line influences (100 nF ceramic
capacitor recommended). A resistor of approx. 1 Ω in series with
C
I can dampen oscillations that could occur due
to the input inductivity and the input capacitor. If the regulator is sourced via long input lines of several meters it is
recommended to place an additional electrolytic capacitor ≥ 47
μF at the input.
CQ
CI
I
GND
Q
INH
IFX20002
V
I
4.7µF
100nF
Inhibit
V
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com