Electronic Components Datasheet Search
  English  ▼

X  

IFX20002 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IFX20002
Description  Low Dropout Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IFX20002 Datasheet(HTML) 5 Page - Infineon Technologies AG

  IFX20002 Datasheet HTML 1Page - Infineon Technologies AG IFX20002 Datasheet HTML 2Page - Infineon Technologies AG IFX20002 Datasheet HTML 3Page - Infineon Technologies AG IFX20002 Datasheet HTML 4Page - Infineon Technologies AG IFX20002 Datasheet HTML 5Page - Infineon Technologies AG IFX20002 Datasheet HTML 6Page - Infineon Technologies AG IFX20002 Datasheet HTML 7Page - Infineon Technologies AG IFX20002 Datasheet HTML 8Page - Infineon Technologies AG IFX20002 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
IFX20002
General Product Characteristics
Data Sheet
5
Rev. 1.0, 2013-01-12
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note: Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
Absolute Maximum Ratings 1)
T
j = -40 °C to +125 °C; all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
1) Not subject to production test, specified by design.
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
Input
4.1.1
Voltage
V
I
-42
45
V
–
Output
4.1.2
Voltage
V
Q
-0.3
30
V
–
Inhibit
4.1.3
Voltage
V
INH
-42
45
V
–
4.1.4
Current
I
INH
-500
2)
2) Internally limited.
µA
–
4.1.5
Current
I
INH
-5
5
mA
-0.3 V ≤
V
I ≤ 45 V ;
t
p < 1 ms
Temperatures
4.1.6
Junction Temperature
T
j
-40
150
°C–
4.1.7
Storage Temperature
T
stg
-50
150
°C–
ESD Susceptibility
4.1.8
ESD Resistivity to GND
V
ESD
-2
2
kV
HBM3)
3) ESD susceptibility, HBM according to ANSI/ESDA/JEDEC JS-001 (1.5 k
Ω, 100 pF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com